Electronic Components Datasheet Search
  English  ▼

X  

UCC24610DR Datasheet (PDF) - Texas Instruments

UCC24610DR Datasheet PDF - Texas Instruments
Part # UCC24610DR
Download  UCC24610DR Download
File Size   1338.46 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC24610 GREEN Rectifier™ Controller Device

UCC24610DR Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC24610DR Datasheet PDF - Texas Instruments

Part # UCC24610DR
Download  UCC24610DR Click to download

File Size   1338.46 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC24610 GREEN Rectifier™ Controller Device

UCC24610DR Datasheet (HTML) - Texas Instruments


UCC24610DR Product details

1 Features
1• Secondary-Side Controller Optimized for 5-V
Systems
• Up to 600-kHz Operating Frequency
• VDS MOSFET-Sensing
• 1.6-Ω Sink, 2.0-Ω Source Gate-Drive Impedances
• Micro-Power Sleep Current for 90+ Designs
• Automatic Light-Load Management
• Synchronous Wake-Up From Sleep and Light-
Load Modes
• Protection Features on Programming Inputs
• SYNC Input for CCM Operation
• 20-ns Typical Turnoff Propagation Delay
• Improved Efficiency and Design Flexibility Over
Traditional Diode Solution
• May Be Biased Directly From 5-V Output false•
Minimal Component Count

2 Applications
• AC-to-DC 5-V Adapters
• 5-V Bias Supplies
• Low Voltage Rectification Circuits
• Flyback and LLC Converters

3 Description
This GREEN Rectifier™ controller is a high-
performance controller and driver for standard and
logic-level N-channel MOSFET power devices used
for low-voltage secondary-side synchronous
rectification.
The combination of controller and MOSFET emulates
a near-ideal diode rectifier. This solution not only
directly reduces power dissipation of the rectifier but
also indirectly reduces primary-side losses as well, due to compounding of efficiency gains.
Using drain-to-source voltage sensing, the UCC24610 is ideal for Flyback and LLC-resonant
power supplies but can also be used with other power
architectures. The UCC24610 is optimized for output
voltages from 4.5 V to 5.5 V, and is suitable for use
with lower and higher output voltages as well.
The UCC24610 offers a programmable false•
triggering filter, a programmable timer to automatically switch to light-load mode at light load,
and a SYNC input for optional use in continuous conduction mode (CCM) systems. Protection features
on TON and EN/TOFF pins prevent run-away on-time
due to open-circuit or short-circuit fault conditions.
This device is available in an 8-pin SOIC package
and an 8-pin, 3.0-mm × 3.0-mm SON package with an exposed thermal pad.




Similar Part No. - UCC24610DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610DR TI-UCC24610DR Datasheet
800Kb / 34P
GREEN Rectifier Controller Device
UCC24610DR TI1-UCC24610DR Datasheet
1Mb / 35P
GREEN Rectifier Controller Device
UCC24610DRBR TI-UCC24610DRBR Datasheet
800Kb / 34P
GREEN Rectifier Controller Device
UCC24610DRBR TI1-UCC24610DRBR Datasheet
1Mb / 35P
GREEN Rectifier Controller Device
UCC24610DRBT TI-UCC24610DRBT Datasheet
800Kb / 34P
GREEN Rectifier Controller Device
More results


Similar Description - UCC24610DR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
USB Device Controller
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
USB Device Controller
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
USB DEVICE CONTROLLER
logo
Texas Instruments
UCC24610 TI-UCC24610 Datasheet
800Kb / 34P
GREEN Rectifier Controller Device
HPA01055DRBR TI1-HPA01055DRBR Datasheet
1Mb / 35P
GREEN Rectifier Controller Device
UCC24610 TI-UCC24610_15 Datasheet
1Mb / 41P
UCC24610 GREEN Rectifier??Controller Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com