Electronic Components Datasheet Search
  English  ▼

X  

UC1843 Datasheet (PDF) - Texas Instruments

UC1843 Datasheet PDF - Texas Instruments
Part # UC1843
Download  UC1843 Download
File Size   4084.4 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCx84x Current-Mode PWM Controllers

UC1843 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC1843 Datasheet PDF - Texas Instruments

Part # UC1843
Download  UC1843 Click to download

File Size   4084.4 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCx84x Current-Mode PWM Controllers

UC1843 Datasheet (HTML) - Texas Instruments


UC1843 Product details

1 Features
• Optimized for off-line and DC-to-DC converters
• Low start-up current (< 1mA)
• Automatic feedforward compensation
• Pulse-by-pulse current limiting
• Enhanced load-response characteristics
• Undervoltage lockout with hysteresis
• Double-pulse suppression
• High-current totem-pole output
• Internally trimmed bandgap reference
• Up to 500kHz operation
• Error amplifier with low output resistance

2 Applications
• Switching regulators of any polarity
• Transformer-coupled DC-DC converters

3 Description
The UCx84x series of control integrated circuits
provide the features that are necessary to implement
off-line or DC-to-DC fixed-frequency current-mode
control schemes, with a minimum number of external
components. The internally implemented circuits
include an undervoltage lockout (UVLO), featuring a
start-up current of less than 1mA, and a precision
reference trimmed for accuracy at the error amplifier
input. Other internal circuits include logic to provide
latched operation, a pulse-width modulation (PWM)
comparator that also provides current-limit control,
and a totem-pole output stage that is designed to
source or sink high-peak current. The output stage,
designed for driving N-channel MOSFETs, is low
when the output stage is in the off state.
The UCx84x family offers a variety of package
options, temperature range options, choice of
maximum duty cycle, and choice of turnon and turnoff
thresholds and hysteresis ranges. Devices with higher
turnon or turnoff hysteresis are good choices for
off-line power supplies, while the devices with a
narrower hysteresis range are designed for DC-DC
applications. The UC184x devices are specified for
operation from –55°C to 125°C, the UC284x series is
specified for operation from –40°C to 85°C, and the
UC384x series is specified for operation from 0°C to
70°C.




Similar Part No. - UC1843

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
433Kb / 8P
Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
720Kb / 24P
CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
More results


Similar Description - UC1843

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
CURRENT-MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
BiCMOS Current-Mode PWM Controllers
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com