Electronic Components Datasheet Search
  English  ▼

X  

FGHL75T65MQDT Datasheet (PDF) - Inchange Semiconductor Company Limited

FGHL75T65MQDT Datasheet PDF - Inchange Semiconductor Company Limited
Part # FGHL75T65MQDT
Download  FGHL75T65MQDT Download
File Size   311.05 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Field-Stop Trench IGBT

FGHL75T65MQDT Datasheet (PDF)

Go To PDF Page Download Datasheet
FGHL75T65MQDT Datasheet PDF - Inchange Semiconductor Company Limited

Part # FGHL75T65MQDT
Download  FGHL75T65MQDT Click to download

File Size   311.05 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Field-Stop Trench IGBT

FGHL75T65MQDT Datasheet (HTML) - Inchange Semiconductor Company Limited


FGHL75T65MQDT Product details

FEATURES
· Low Saturation Voltage:VCE(sat)=1.8V@IC= 75A
· High Current Capability
· High Input Impedance
APPLICATIONS
· Synchronous Rectification in SMPS
· Automotive Chargers
· UPS,PFC
· High Voltage Auxiliaries




Similar Part No. - FGHL75T65MQDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGHL75T65MQDTL4 ONSEMI-FGHL75T65MQDTL4 Datasheet
240Kb / 9P
Field Stop Trench IGBT 650 V, 75 A
October, 2021 - Rev. 2
More results


Similar Description - FGHL75T65MQDT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTCV60TLM24T3G MICROSEMI-APTCV60TLM24T3G Datasheet
306Kb / 13P
CoolMOS & Trench Field Stop IGBT
logo
SemiHow Co.,Ltd.
HIH30N120TF SEMIHOW-HIH30N120TF Datasheet
892Kb / 8P
1200V Field Stop Trench IGBT
logo
ON Semiconductor
FGH75T65SQDTL4 ONSEMI-FGH75T65SQDTL4 Datasheet
848Kb / 10P
Field Stop Trench IGBT
February 2017 Rev. 1.0
FGB40T65SP_F085 ONSEMI-FGB40T65SP_F085 Datasheet
946Kb / 11P
Field Stop Trench IGBT
November 2016 - Rev. 1.0
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
Field Stop Trench IGBT
December 2016 Rev. 1.0
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
Field Stop Trench IGBT
September, 2020 ??Rev. 5
AFGHL75T65SQ ONSEMI-AFGHL75T65SQ Datasheet
246Kb / 9P
Field Stop Trench IGBT
July, 2020 ??Rev. 0
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
logo
Inchange Semiconductor ...
FGHL75T65LQDT ISC-FGHL75T65LQDT Datasheet
405Kb / 4P
Trench and Field Stop IGBT
FS75R17KE3-ISGM2006 ISC-FS75R17KE3-ISGM2006 Datasheet
427Kb / 6P
Trench gate Field-Stop IGBT
2023-9-21
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com