Electronic Components Datasheet Search
  English  ▼

X  

SN74HC20 Datasheet (PDF) - Texas Instruments

SN74HC20 Datasheet PDF - Texas Instruments
Part # SN74HC20
Download  SN74HC20 Download
File Size   1902.87 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4HC20 Dual 4-Input NAND Gates

SN74HC20 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74HC20 Datasheet PDF - Texas Instruments

Part # SN74HC20
Download  SN74HC20 Click to download

File Size   1902.87 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4HC20 Dual 4-Input NAND Gates

SN74HC20 Datasheet (HTML) - Texas Instruments


SN74HC20 Product details

1 Features
• Buffered inputs
• Wide operating voltage range: 2 V to 6 V
• Wide operating temperature range:
–40°C to +85°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs

2 Applications
• Alarm / tamper detect circuit
• S-R latch

3 Description
This device contains two independent 4-input NAND
gates. Each gate performs the Boolean function
Y = A ● B ● C ● D in positive logic.




Similar Part No. - SN74HC20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC20 TI-SN74HC20 Datasheet
521Kb / 16P
DUAL 4-INPUT POSITIVE-NAND GATES
SN74HC20 TI1-SN74HC20 Datasheet
1Mb / 20P
DUAL 4-INPUT POSITIVE-NAND GATES
SN74HC20D TI-SN74HC20D Datasheet
521Kb / 16P
DUAL 4-INPUT POSITIVE-NAND GATES
SN74HC20D TI1-SN74HC20D Datasheet
1Mb / 20P
DUAL 4-INPUT POSITIVE-NAND GATES
SN74HC20DBR TI-SN74HC20DBR Datasheet
521Kb / 16P
DUAL 4-INPUT POSITIVE-NAND GATES
More results


Similar Description - SN74HC20

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC20 HITACHI-HD74HC20 Datasheet
45Kb / 8P
Dual 4-input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_11 Datasheet
127Kb / 8P
Dual 4-Input NAND Gates
June, 2011 ??Rev. 9
logo
Texas Instruments
54LS20J TI1-54LS20J Datasheet
336Kb / 8P
Dual 4-Input NAND Gates
logo
Unisonic Technologies
U74HC20 UTC-U74HC20 Datasheet
172Kb / 5P
DUAL 4-INPUT NAND GATES
U74HCT20 UTC-U74HCT20 Datasheet
167Kb / 4P
DUAL 4-INPUT NAND GATES
U74HC20 UTC-U74HC20_15 Datasheet
191Kb / 5P
DUAL 4-INPUT NAND GATES
U74HCT20 UTC-U74HCT20_15 Datasheet
167Kb / 4P
DUAL 4-INPUT NAND GATES
U74AHC2G125 UTC-U74AHC2G125_15 Datasheet
160Kb / 4P
DUAL 4-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS20 AEROFLEX-UT54ACS20 Datasheet
229Kb / 9P
Dual 4-Input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_14 Datasheet
105Kb / 7P
Dual 4-Input NAND Gates
July, 2014 ??Rev. 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com