Electronic Components Datasheet Search
  English  ▼

X  

SN74CB3T3125 Datasheet (PDF) - Texas Instruments

SN74CB3T3125 Datasheet PDF - Texas Instruments
Part # SN74CB3T3125
Download  SN74CB3T3125 Download
File Size   1301.78 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CB3T3125 Quadruple FET Bus Switch 2.5-V, 3.3-V Low-Voltage Bus Switch with 5-V-Tolerant Level Shifter

SN74CB3T3125 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CB3T3125 Datasheet PDF - Texas Instruments

Part # SN74CB3T3125
Download  SN74CB3T3125 Click to download

File Size   1301.78 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CB3T3125 Quadruple FET Bus Switch 2.5-V, 3.3-V Low-Voltage Bus Switch with 5-V-Tolerant Level Shifter

SN74CB3T3125 Datasheet (HTML) - Texas Instruments


SN74CB3T3125 Product details

1 Features
1• Output Voltage Translation Tracks VCC
• Supports Mixed-Mode Signal Operation On All
Data I/O Ports
– 5-V Input Down to 3.3-V Output-Level Shift
With 3.3-V VCC
– 5-V/3.3-V Input Down to 2.5-V Output-Level
Shift With 2.5-V VCC
• 5-V-Tolerant I/Os With Device Powered Up or
Powered Down
• Bidirectional Data Flow, With Near-Zero
Propagation Delay
• Low ON-State Resistance (ron) Characteristics
(ron = 5 Ω Typical)
• Low Input/Output Capacitance Minimizes Loading
(Cio(OFF) = 4.5 pF Typical)
• Data and Control Inputs Provide Undershoot
Clamp Diodes
• Low Power Consumption (ICC = 20 μA Max)
• VCC Operating Range From 2.3 V to 3.6 V
• Data I/Os Support 0- to 5-V Signaling Levels (0.8
V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
• Control Inputs Can Be Driven by TTL or 5-V/3.3-V
CMOS Outputs
• Ioff Supports Partial-Power-Down Mode Operation
• Latch-Up Performance Exceeds 250 mA Per
JESD 17
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)

2 Applications
• Supports Digital Applications: Level Translation,
USB Interface, Bus Isolation
• Ideal for Low-Power Portable Equipment

3 Description
The SN74CB3T3125 is a high-speed TTL-compatible
FET bus switch with low ON-state resistance (ron),
allowing for minimal propagation delay. The device
fully supports mixed-mode signal operation on all
data I/O ports by providing voltage translation that
tracks VCC. The SN74CB3T3125 supports systems
using 5-V TTL, 3.3-V LVTTL, and 2.5-V CMOS
switching standards, as well as user-defined
switching levels (see Typical DC Voltage-Translation
Characteristics).
The SN74CB3T3125 is organized as four 1-bit bus
switches with separate output-enable (1OE, 2OE,
3OE, 4OE) inputs. It can be used as four 1-bit bus
switches or as one 4-bit bus switch. When OE is low,
the associated 1-bit bus switch is ON, and the A port
is connected to the B port, allowing bidirectional data
flow between ports. When OE is high, the associated
1-bit bus switch is OFF, and the high-impedance
state exists between the A and B ports.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device
when it is powered down. The device has isolation
during power off.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.




Similar Part No. - SN74CB3T3125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
QUADRUPLE FET BUS SWITCH
SN74CB3T3125 TI1-SN74CB3T3125 Datasheet
727Kb / 20P
QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3125DGVR TI-SN74CB3T3125DGVR Datasheet
188Kb / 12P
QUADRUPLE FET BUS SWITCH
SN74CB3T3125DGVR TI1-SN74CB3T3125DGVR Datasheet
727Kb / 20P
QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3125PW TI-SN74CB3T3125PW Datasheet
188Kb / 12P
QUADRUPLE FET BUS SWITCH
More results


Similar Description - SN74CB3T3125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T16210 TI-SN74CB3T16210 Datasheet
200Kb / 14P
2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16212 TI-SN74CB3T16212 Datasheet
250Kb / 13P
24-BIT FET BUS-EXCHANGE SWITCH, 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI-SN74CB3T1G125 Datasheet
193Kb / 12P
SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T1G125-Q1 TI1-SN74CB3T1G125-Q1 Datasheet
554Kb / 13P
SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
606Kb / 15P
DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
453Kb / 14P
20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI1-SN74CB3T1G125_15 Datasheet
854Kb / 16P
SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com