Electronic Components Datasheet Search
  English  ▼

X  

SN74AXC4T245 Datasheet (PDF) - Texas Instruments

SN74AXC4T245 Datasheet PDF - Texas Instruments
Part # SN74AXC4T245
Download  SN74AXC4T245 Download
File Size   2491.86 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXC4T245 Four-Bit Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs

SN74AXC4T245 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AXC4T245 Datasheet PDF - Texas Instruments

Part # SN74AXC4T245
Download  SN74AXC4T245 Click to download

File Size   2491.86 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXC4T245 Four-Bit Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs

SN74AXC4T245 Datasheet (HTML) - Texas Instruments


SN74AXC4T245 Product details

1 Features
• Fully configurable dual-rail design allows each port
to operate with a power supply range from 0.65V
to 3.6V
• Operating temperature from –40°C to +125°C
• Multiple direction control pins to allow
simultaneous up and down translation
• Glitch-free power supply sequencing
• Up to 380Mbps support when translating from 1.8V
to 3.3V
• VCC isolation feature:
– If either VCC input is below 100mV, all
I/Os outputs are disabled and become highimpedance
• Ioff supports Partial-Power-Down mode operation
• Compatible with AVC family level shifters
• Latch-up performance exceeds 100mA per JESD
78, Class II
• ESD protection exceeds JESD 22:
– 8000V Human-Body Model
– 1000V Charged-Device Model

2 Applications
• Enterprise and communications
• Industrial
• Personal electronics
• Wireless infrastructure
• Building automation
• Point of sale

3 Description
The SN74AXC4T245 is a four-bit noninverting bus
transceiver that uses two individually configurable
power-supply rails. The device is operational with both
VCCA and VCCB supplies as low as 0.65V. The A port
is designed to track VCCA, which accepts any supply
voltage from 0.65V to 3.6V. The B port is designed
to track VCCB, which also accepts any supply voltage
from 0.65V to 3.6V. Additionally the SN74AXC4T245
is compatible with a single-supply system.
The SN74AXC4T245 device is designed for
asynchronous communication between data buses.
The device transmits data from the A bus to the B bus
or from the B bus to the A bus, depending on the logic
level of the direction-control inputs (1DIR and 2DIR).
The output-enable inputs (1 OE and 2 OE) are used
to disable the outputs so the buses are effectively
isolated. The SN74AXC4T245 device is designed so
the control pins (xDIR and x OE) are referenced to
VCCA.
To put the level shifter I/Os in the high-impedance
state during power up or power down, tie the xOE
pins to VCCA through a pullup resistor.
This device is fully specified for partial-power-down
applications using the Ioff current. The Ioff protection
circuitry ensures that no excessive current is drawn
from or to an input, output, or combined I/O that
is biased to a specific voltage while the device is
powered down.
The design of the VCC isolation feature allows both
I/O ports to enter a high-impedance state by disabling
their outputs if either VCCA or VCCB is less than
100mV.
Glitch-Free power supply sequencing allows either
supply rail to be powered on or off in any order while
providing robust power sequencing performance.




Similar Part No. - SN74AXC4T245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC4T245 TI1-SN74AXC4T245 Datasheet
457Kb / 32P
Four-Bit Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245 TI1-SN74AXC4T245 Datasheet
582Kb / 34P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245 TI-SN74AXC4T245 Datasheet
1Mb / 36P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245 TI-SN74AXC4T245 Datasheet
2Mb / 40P
SN74AXC4T245 Four-Bit Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245 TI-SN74AXC4T245 Datasheet
2Mb / 39P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2021
More results


Similar Description - SN74AXC4T245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245 TI1-SN74AXC4T245 Datasheet
457Kb / 32P
Four-Bit Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
SN74AXCH4T245 TI1-SN74AXCH4T245 Datasheet
1Mb / 39P
Four-bit bus transceiver with configurable voltage translation, tri-state outputs, and bus-hold inputs
SN74AXC4T245-Q1 TI1-SN74AXC4T245-Q1 Datasheet
296Kb / 27P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245-Q1 TI1-SN74AXC4T245-Q1_V01 Datasheet
582Kb / 34P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245-Q1 TI-SN74AXC4T245-Q1_V02 Datasheet
1Mb / 36P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245 TI-SN74AXC4T245_V01 Datasheet
2Mb / 40P
SN74AXC4T245 Four-Bit Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245-Q1 TI-SN74AXC4T245-Q1_V03 Datasheet
2Mb / 39P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2021
SN74AXC4T245-Q1 TI-SN74AXC4T245-Q1_V04 Datasheet
2Mb / 44P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
DECEMBER 2021
SN74AXC4T245-Q1 TI-SN74AXC4T245-Q1_V05 Datasheet
2Mb / 44P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com