Electronic Components Datasheet Search
  English  ▼

X  

SN74AC32-Q1 Datasheet (PDF) - Texas Instruments

SN74AC32-Q1 Datasheet PDF - Texas Instruments
Part # SN74AC32-Q1
Download  SN74AC32-Q1 Download
File Size   1499.47 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AC32-Q1 Automotive Quadruple 2-Input OR Gates

SN74AC32-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AC32-Q1 Datasheet PDF - Texas Instruments

Part # SN74AC32-Q1
Download  SN74AC32-Q1 Click to download

File Size   1499.47 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AC32-Q1 Automotive Quadruple 2-Input OR Gates

SN74AC32-Q1 Datasheet (HTML) - Texas Instruments


SN74AC32-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN package
• Wide operating range of 1.5V to 6V
• Inputs accept voltages up to 6V
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Maximum tpd of 8.5ns at 5V, 50pF load

2 Applications
• User fewer inputs to monitor error signals
• Combine active-low enable signals

3 Description
The SN74AC32-Q1 contains four independent 2-input
OR gates. Each gate performs the Boolean function of
Y = A+B.




Similar Part No. - SN74AC32-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC32-Q1 TI2-SN74AC32-Q1 Datasheet
703Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
OCTOBER 2003
SN74AC32-Q1 TI2-SN74AC32-Q1 Datasheet
2Mb / 39P
SNx4AC32 Quadruple 2-Input Positive-OR Gates
REVISED APRIL 2025
More results


Similar Description - SN74AC32-Q1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC32A DIODES-74LVC32A Datasheet
191Kb / 10P
QUADRUPLE 2-INPUT OR GATES
Rev 3
74HCT32 DIODES-74HCT32 Datasheet
296Kb / 8P
QUADRUPLE 2-INPUT OR GATES
Rev 3
74AHC32 DIODES-74AHC32 Datasheet
287Kb / 8P
QUADRUPLE 2-INPUT OR GATES
Rev 3
logo
Texas Instruments
SN74HCS32-Q1 TI1-SN74HCS32-Q1 Datasheet
294Kb / 17P
SN74HCS32-Q1 Automotive Quadruple 2-Input OR Gates with Schmitt-Trigger Inputs
SN74HCS32-Q1 TI1-SN74HCS32-Q1_V01 Datasheet
333Kb / 18P
SN74HCS32-Q1 Automotive Quadruple 2-Input OR Gates with Schmitt-Trigger Inputs
SN74HCS32-Q1 TI-SN74HCS32-Q1_V02 Datasheet
1Mb / 27P
SN74HCS32-Q1 Automotive Quadruple 2-Input OR Gates with Schmitt-Trigger Inputs
SN74HCS32-Q1 TI-SN74HCS32-Q1_V03 Datasheet
2Mb / 31P
SN74HCS32-Q1 Automotive Quadruple 2-Input OR Gates with Schmitt-Trigger Inputs
DECEMBER 2021
SN74LV4T32-Q1 TI-SN74LV4T32-Q1 Datasheet
1Mb / 29P
SN74LV4T32-Q1 Automotive Quadruple 2-Input Positive-OR Gates With Integrated Translation
MAY 2023
SN74AHC32Q-Q1 TI-SN74AHC32Q-Q1_V01 Datasheet
1Mb / 26P
SN74AHC32Q-Q1 Quadruple 2-Input Positive-OR Gates
REVISED JUNE 2023
SN74LVC7032A-Q1 TI-SN74LVC7032A-Q1 Datasheet
961Kb / 23P
SN74LVC7032A-Q1 Automotive Quadruple 2-Input OR Gates with Schmitt-Trigger Inputs
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com