Electronic Components Datasheet Search
  English  ▼

X  

1043423 Datasheet (PDF) - PHOENIX CONTACT

1043423 Datasheet PDF - PHOENIX CONTACT
Part # 1043423
Download  1043423 Download
File Size   385.78 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FL SWITCH 2414-2SFX - Industrial Ethernet Switch

1043423 Datasheet (PDF)

Go To PDF Page Download Datasheet
1043423 Datasheet PDF - PHOENIX CONTACT

Part # 1043423
Download  1043423 Click to download

File Size   385.78 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FL SWITCH 2414-2SFX - Industrial Ethernet Switch

1043423 Datasheet (HTML) - PHOENIX CONTACT


1043423 Product details

Managed Switch 2000 series, 14 RJ45 ports 10/100 Mbps, 2 SFP ports 100 Mbps, degree of
protection: IP20, Ambient temperature (operation): -40 °C ... 70 °C, Supply voltage range: 19
V DC ... 32 V DC, PROFINET Conformance Class B, Extended temperature range, Development
process certified in accordance with IEC 62443-4-1, Compatible with IEC 62443-4-




Similar Part No. - 1043423

ManufacturerPart #DatasheetDescription
logo
SICK AG
1043421 SICK-1043421 Datasheet
453Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results


Similar Description - 1043423

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
2702969 PHOENIX-2702969 Datasheet
286Kb / 14P
Industrial Ethernet Switch - FL SWITCH 2206-2SFX
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2108
1085164 PHOENIX-1085164 Datasheet
757Kb / 25P
Industrial Ethernet Switch - FL SWITCH 1005NT-2SFX
Nov 16, 2022
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
1006188 PHOENIX-1006188 Datasheet
748Kb / 21P
Industrial Ethernet Switch - FL SWITCH 2214-2SFX
Dec 2, 2022
1085176 PHOENIX-1085176 Datasheet
751Kb / 25P
Industrial Ethernet Switch - FL SWITCH 1005N-2SFX
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
2702907 PHOENIX-2702907 Datasheet
998Kb / 30P
Industrial Ethernet Switch - FL SWITCH 2212-2TC- 2SFX
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com