Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD62 Datasheet (PDF) - Texas Instruments

SN65HVD62 Datasheet PDF - Texas Instruments
Part # SN65HVD62
Download  SN65HVD62 Download
File Size   1600.67 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD62 AISG On-Off Keying Coax Modem Transceiver

SN65HVD62 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD62 Datasheet PDF - Texas Instruments

Part # SN65HVD62
Download  SN65HVD62 Click to download

File Size   1600.67 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD62 AISG On-Off Keying Coax Modem Transceiver

SN65HVD62 Datasheet (HTML) - Texas Instruments


SN65HVD62 Product details

1 Features
1• Supply Ranging From 3V to 5.5V
• Independent Logic Supply of 1.6V to 5.5V
• Wide Input Dynamic Range of –15dBm to +5dBm
for Receiver
• Power Delivered by the Driver to the Coax can be
Adjusted From 0dBm to +6dBm
• AISG Compliant Output Emission Profile
• Low-power Standby Mode
• Direction Control Output for RS-485 Bus
Arbitration
• Supports up to 115 kbps Signaling
• Integrated Active Bandpass Filter with Center
Frequency at 2.176MHz
• 3mm × 3mm 16-Pin QFN Package

2 Applications
• AISG – Interface for Antenna Line Devices
• Tower Mounted Amplifiers (TMA)
• General Modem Interfaces

3 Description
These transceivers modulate and demodulate signals
between the logic (baseband) and a frequency suitable for long coaxial media.
The HVD62 is an integrated AISG transceiver designed to be compliant with Antenna Interface
Standards Group v2.0 specification.
The HVD62 receiver integrates an active bandpass filter to enable demodulation of signals even in the
presence of spurious frequency components. The
filter has a 2.176 MHz center frequency.
The transmitter supports adjustable output power
levels varying from +0dBm to +6dBm delivered to the
50 Ω coax cable. The HVD62 transmitter is compliant
with the spectrum emission requirement provided by
the AISG standard.
A direction control output is provided which facilitates
bus arbitration for an RS-485 interface. These devices integrate an oscillator input for a crystal, and
also accept standard clock inputs to the oscillator.




Similar Part No. - SN65HVD62

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD62 TI1-SN65HVD62 Datasheet
520Kb / 16P
AISG On-Off Keying Coax Modem Transceiver
SN65HVD62 TI1-SN65HVD62 Datasheet
1Mb / 26P
SN65HVD62 AISG On-Off Keying Coax Modem Transceiver
SN65HVD62 TI-SN65HVD62 Datasheet
22Mb / 28P
SN65HVD63 AISG® On and Off Keying Coax Modem Transceiver
JULY 2015
SN65HVD62RGT TI1-SN65HVD62RGT Datasheet
520Kb / 16P
AISG On-Off Keying Coax Modem Transceiver
SN65HVD62RGTR TI1-SN65HVD62RGTR Datasheet
520Kb / 16P
AISG On-Off Keying Coax Modem Transceiver
More results


Similar Description - SN65HVD62

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9947 MAXIM-MAX9947 Datasheet
89Kb / 1P
AISG Integrated Transceiver
Rev 0; 12/09
MAX9947 MAXIM-MAX9947_11 Datasheet
607Kb / 1P
AISG Integrated Transceiver AISG-Compliant Output Emission Profile
Rev 2; 6/11
MAX9947_1107 MAXIM-MAX9947_1107 Datasheet
614Kb / 1P
AISG Integrated Transceiver
Rev 3; 7/11
logo
Texas Instruments
SN65HVD62 TI1-SN65HVD62 Datasheet
520Kb / 16P
AISG On-Off Keying Coax Modem Transceiver
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2 Datasheet
174Kb / 6P
19200 baud modem transceiver
logo
Texas Instruments
SN65HVD62 TI1-SN65HVD62_15 Datasheet
1Mb / 26P
SN65HVD62 AISG On-Off Keying Coax Modem Transceiver
logo
Maxim Integrated Produc...
MAX11947 MAXIM-MAX11947 Datasheet
1Mb / 45P
4 Channel AISG Integrated Modem
2020
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
On off valve
4/1/22
logo
Texas Instruments
SN65HVD63 TI-SN65HVD63 Datasheet
22Mb / 28P
SN65HVD63 AISG® On and Off Keying Coax Modem Transceiver
JULY 2015
SN65HVD64 TI-SN65HVD64 Datasheet
23Mb / 30P
SN65HVD64 AISG® On and Off Keying Coax Modem Transceiver
OCTOBER 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com