Electronic Components Datasheet Search
  English  ▼

X  

MJE15030 Datasheet (PDF) - Multicomp Pro

MJE15030 Datasheet PDF - Multicomp Pro
Part # MJE15030
Download  MJE15030 Download
File Size   254.82 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bipolar Transistor

MJE15030 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE15030 Datasheet PDF - Multicomp Pro

Part # MJE15030
Download  MJE15030 Click to download

File Size   254.82 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bipolar Transistor

MJE15030 Datasheet (HTML) - Multicomp Pro


MJE15030 Product details

Description:
TO-220 NPN silicon plastic transistor designed for use in high frequency drivers in audio amplifier applications

Features:
Collector Emitter Saturation Voltage, Vceo = 120V
D.C.Current Gain Specified to 8 Ampers, hfe = 40 min. @ Ic = 3A
hfe = 20 min. @ Ic = 4A

Description
Bipolar Transistor, NPN, 8A, 150V, TO-220




Similar Part No. - MJE15030

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE15030 MOSPEC-MJE15030 Datasheet
208Kb / 4P
POWER TRANSISTORS(8.0A,120-150V,50W)
logo
Motorola, Inc
MJE15030 MOTOROLA-MJE15030 Datasheet
217Kb / 6P
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
logo
ON Semiconductor
MJE15030 ONSEMI-MJE15030 Datasheet
217Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
November, 2014 ??Rev. 7
logo
Boca Semiconductor Corp...
MJE15030 BOCA-MJE15030 Datasheet
25Kb / 2P
HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
logo
ON Semiconductor
MJE15030 ONSEMI-MJE15030 Datasheet
79Kb / 6P
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120??50 VOLTS, 50 WATTS
February, 2006 ??Rev. 4
More results


Similar Description - MJE15030

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com