Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC180N Datasheet (PDF) - Texas Instruments

SN75LBC180N Datasheet PDF - Texas Instruments
Part # SN75LBC180N
Download  SN75LBC180N Download
File Size   1805.57 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power RS-485 Line Driver and Receiver Pairs

SN75LBC180N Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75LBC180N Datasheet PDF - Texas Instruments

Part # SN75LBC180N
Download  SN75LBC180N Click to download

File Size   1805.57 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power RS-485 Line Driver and Receiver Pairs

SN75LBC180N Datasheet (HTML) - Texas Instruments


SN75LBC180N Product details

1 Features
• Designed for high-speed multipoint Data
transmission over long cables
• Operate with pulse durations as low as 30 ns
• Low supply current: 5 mA maximum
• Meet or exceed the requirements of ANSI
standard RS-485 and ISO 8482:1987(E)
• 3-State outputs for party-line buses
• Common-mode voltage range of –7 V to 12 V
• Thermal shutdown protection prevents
driver damage from bus contention
• Positive and negative output current
limiting
• Pin compatible with the SN75ALS180

2 Description
The SN55LBC180, SN65LBC180 and SN75LBC180
differential driver and receiver pairs are monolithic
integrated circuits designed for bidirectional data
communication over long cables that take on
the characteristics of transmission lines. They are
balanced, or differential, voltage mode devices
that meet or exceed the requirements of industry
standards ANSI RS-485 and ISO 8482:1987(E).
These devices are designed using the TI proprietary
LinBiCMOS™ with the low-power consumption of
CMOS and the precision and robustness of bipolar
transistors in the same circuit.




Similar Part No. - SN75LBC180N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC180N TI-SN75LBC180N Datasheet
217Kb / 15P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180N TI1-SN75LBC180N Datasheet
877Kb / 24P
LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
SN75LBC180NE4 TI1-SN75LBC180NE4 Datasheet
877Kb / 24P
LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
More results


Similar Description - SN75LBC180N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
SN55LBC180 TI1-SN55LBC180 Datasheet
877Kb / 24P
LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com