Electronic Components Datasheet Search
  English  ▼

X  

SN65C3221 Datasheet (PDF) - Texas Instruments

SN65C3221 Datasheet PDF - Texas Instruments
Part # SN65C3221
Download  SN65C3221 Download
File Size   1106.48 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V to 5.5-V Single-Channel RS-232 Compatible Line Driver and Receiver

SN65C3221 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65C3221 Datasheet PDF - Texas Instruments

Part # SN65C3221
Download  SN65C3221 Click to download

File Size   1106.48 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V to 5.5-V Single-Channel RS-232 Compatible Line Driver and Receiver

SN65C3221 Datasheet (HTML) - Texas Instruments


SN65C3221 Product details

1 Features
• Operate with 3-V to 5.5-V VCC supply
• Operate up to 1 Mbit/s
• Low standby current : 1 μA typical
• External capacitors : 4 x 0.1 μF
• Accepts 5-V logic input with 3.3-V supply
• RS-232 bus-pin ESD protection exceeds ±15 kV
using human-body model (HBM)
• Auto-powerdown feature automatically disables
drivers for power savings

2 Applications
• Industrial PCs
• Wired networking
• Data center and enterprise computing
• Battery-powered systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-held equipment

3 Description
The SN65C3221 and SN75C3221 consist of one
line driver, one line receiver, and a dual chargepump
circuit with ±15-kV ESD protection pin to
pin (serial-port connection pins, including GND).
These devices providethe electrical interface between
an asynchronous communication controller and the
serial-port connector. The charge pump and four small
external capacitors allow operation from a single 3-
V to 5.5-V supply. These devices operate at data
signaling rates up to 1 Mbit/s and a driver output slew
rate of 24 V/μs to 150 V/μs.
Flexible control options for power management are
available when the serial port is inactive. The autopowerdown
feature functions when FORCEON is
low and FORCEOFF is high. During this mode of
operation, if the devices do not sense a valid RS-232
signal on the receiver input, the driver output is
disabled. If FORCEOFF is set low and EN is high,
both the driver and receiver are shut off, and the
supply current is reduced to 1 μA. Disconnecting
the serial port or turning off the peripheral drivers
causes the auto-powerdown condition to occur. Autopowerdown
can be disabled when FORCEON and
FORCEOFF are high. With auto-powerdown enabled,
the device is activated automatically when a valid
signal is applied to the receiver input. The INVALID
output notifies the user if an RS-232 signal is present
at the receiver input. INVALID is high (valid data) if
the receiver input voltage is greater than 2.7 V or less
than −2.7 V, or has been between −0.3 V and 0.3 V
for less than 30 μs. INVALID is low (invalid data) if the
receiver input voltage is between −0.3 V and 0.3 V for
more than 30 μs. Refer to Figure 7-5 for receiver input
levels.




Similar Part No. - SN65C3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3221 TI-SN65C3221 Datasheet
285Kb / 14P
3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI-SN65C3221 Datasheet
289Kb / 16P
3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI-SN65C3221 Datasheet
459Kb / 18P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
SN65C3221 TI1-SN65C3221 Datasheet
802Kb / 17P
3-V TO 5.5V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI2-SN65C3221 Datasheet
417Kb / 18P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
REVISED APRIL 2008
More results


Similar Description - SN65C3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3221 TI-SN65C3221 Datasheet
285Kb / 14P
3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI-SN65C3221_06 Datasheet
289Kb / 16P
3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI1-SN65C3221_15 Datasheet
658Kb / 19P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
TRSF3221 TI1-TRSF3221 Datasheet
505Kb / 16P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com