Electronic Components Datasheet Search
  English  ▼

X  

HCF4070 Datasheet (PDF) - STMicroelectronics

HCF4070 Datasheet PDF - STMicroelectronics
Part # HCF4070_V01
Download  HCF4070 Download
File Size   438.37 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad exclusive OR gate

HCF4070 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4070 Datasheet PDF - STMicroelectronics

Part # HCF4070_V01
Download  HCF4070 Click to download

File Size   438.37 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad exclusive OR gate

HCF4070 Datasheet (HTML) - STMicroelectronics


HCF4070 Product details

Features
 Medium-speed operation
tPHL = tPLH = 70 ns (typ) at CL = 50 pF and
VDD = 10 V
 Quiescent current specified up to 20 V
 5 V, 10 V and 15 V parametric ratings
 Input leakage current
II = 100 nA (max) at VDD = 18 V, TA = 25 °C
 100% tested for quiescent current
 ESD performance
– HBM: 2 kV
– MM: 200 V
– CDM: 1 kV




Similar Part No. - HCF4070_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4070B STMICROELECTRONICS-HCF4070B Datasheet
273Kb / 11P
GATES
Sep-1988
HCF4070B STMICROELECTRONICS-HCF4070B Datasheet
127Kb / 8P
QUAD EXCLUSIVE OR GATE
Mar-2004
HCF4070BC1 STMICROELECTRONICS-HCF4070BC1 Datasheet
273Kb / 11P
GATES
Sep-1988
HCF4070BEY STMICROELECTRONICS-HCF4070BEY Datasheet
273Kb / 11P
GATES
Sep-1988
HCF4070BEY STMICROELECTRONICS-HCF4070BEY Datasheet
127Kb / 8P
QUAD EXCLUSIVE OR GATE
Mar-2004
More results


Similar Description - HCF4070_V01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
Quad Exclusive OR Gate
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
QUAD EXCLUSIVE OR GATE
Dec-1992
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
QUAD EXCLUSIVE OR GATE
Sep-2001
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
QUAD EXCLUSIVE OR GATE
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
QUAD EXCLUSIVE OR GATE
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
Quad exclusive OR gate
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
Quad EXCLUSIVE-OR Gate
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
QUAD EXCLUSIVE OR GATE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com