Electronic Components Datasheet Search
  English  ▼

X  

LM78L12ACZ Datasheet (PDF) - ON Semiconductor

LM78L12ACZ Datasheet PDF - ON Semiconductor
Part # LM78L12ACZ
Download  LM78L12ACZ Download
File Size   346.41 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-Terminal 0.1 A Positive Voltage Regulator

LM78L12ACZ Datasheet (PDF)

Go To PDF Page Download Datasheet
LM78L12ACZ Datasheet PDF - ON Semiconductor

Part # LM78L12ACZ
Download  LM78L12ACZ Click to download

File Size   346.41 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-Terminal 0.1 A Positive Voltage Regulator

LM78L12ACZ Datasheet (HTML) - ON Semiconductor


LM78L12ACZ Product details

Features
• Maximum Output Current of 100 mA
• Output Voltage of 5 V, 6 V, 8 V, 12 V, and 15 V
• Thermal Overload Protection
• Short-Circuit Current Limiting
• Output Voltage Offered in ±5% Tolerance

Description
The MC78LXXA / LM78LXXA series of fixed-voltage monolithic integrated circuit voltage regulators are suitable for applications that required supply current up to 100 mA.




Similar Part No. - LM78L12ACZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L12ACZ NSC-LM78L12ACZ Datasheet
211Kb / 12P
3-Terminal Positive Regulators
LM78L12ACZ NSC-LM78L12ACZ Datasheet
685Kb / 14P
3-Terminal Positive Regulators
logo
Fairchild Semiconductor
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
73Kb / 14P
3-Terminal 0.1A Positive Voltage Regulator
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
72Kb / 14P
3-Terminal 0.1A Positive Voltage Regulator
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
86Kb / 14P
3-Terminal 0.1A Positive Voltage Regulator
More results


Similar Description - LM78L12ACZ

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
3-terminal 1 A positive voltage regulator
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
MC78L05ACHX FAIRCHILD-MC78L05ACHX Datasheet
259Kb / 13P
MC78LXXA / LM78LXXA 3-Terminal 0.1 A Positive Voltage Regulator
MC78M05CDTX FAIRCHILD-MC78M05CDTX Datasheet
297Kb / 9P
3-Terminal 0.5 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
3-terminal 1 A positive voltage regulator
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
3-Terminal 1 A Positive Voltage Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com