Electronic Components Datasheet Search
  English  ▼

X  

PQ50-1618PCFA Datasheet (PDF) - Hirose Electric

PQ50-1618PCFA Datasheet PDF - Hirose Electric
Part # PQ50-1618PCFA
Download  PQ50-1618PCFA Download
File Size   1768.7 Kbytes
Page   16 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description High Power/Signal Connectors for Industrial Machinery

PQ50-1618PCFA Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ50-1618PCFA Datasheet PDF - Hirose Electric

Part # PQ50-1618PCFA
Download  PQ50-1618PCFA Click to download

File Size   1768.7 Kbytes
Page   16 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description High Power/Signal Connectors for Industrial Machinery

PQ50-1618PCFA Datasheet (HTML) - Hirose Electric


PQ50-1618PCFA Product details

■General
The PQ series is an interface connector designed to
handle high power/signal connections in industrial
machinery. Available in a water-resistant or non-waterresistant
type, they are capable of handling up to 12.5A/
pin (PQ50S and PQ50W) or 19A/pin (PQ50).

■Features
PQ50 and PQ50S Series [ Non water-resistant type ]
1. Side locking spring structure delivers a clear tactile
click.
The left and right buttons disengage the mated lock.
(Side locking system). The easy mating operation delivers a clear
tactile click. (Fig.1)
2. Strengthened cable clamps
Cable clamp strength is 98N or more. (* Actual is 400N or more.)
The structure will prevent the mated connecter and clamp from
detaching against excessive forces.
3. Different cover options
A robust, enhanced, shielded die-cast shell is available on the PQ50
series or a engineered, light weight plated plastic resin shell for the
PQ50S series.
The die cast shell delivers an enhanced EMI shield on the PQ50
series and the plated plastic resin of the PQ50S series’ cover case
and panel shell ensure ESD and EMI performance.
4. Coding key system provides flexibility with multiple options
The coding key system prevents incorrect mating and has multiple
variations available.
5. Rear mounted panel shell is available.
After attaching the panel shell to the chassis, it is possible to install
or remove the crimp housing. (Fig.2)
6. Reliable ground connection structure.
The crimp contacts can be mounted directly onto the panel shell
with screws which enhances the grounding connections. (Fig.3)
7. Supports NFPA79 compliant cables (with 600V capability).
(PQ50 Series)
Due to restrictions on the AWM cables by NFPA79 revision, the
requirements of listed cables has increased for wires used in
industrial machines in the U.S.A. This product complies with the
restrictions and requirements of NFPA79.




Similar Part No. - PQ50-1618PCFA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PQ50-1618PCFA HIROSE-PQ50-1618PCFA Datasheet
1Mb / 16P
High Power/Signal Connectors for Industrial Machinery
More results


Similar Description - PQ50-1618PCFA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
Power Supply Connectors For Industrial Equipment
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
Power Supply Connectors For Industrial Equipment
logo
Panasonic Battery Group
APT1211 PANASONICBATTERY-APT1211 Datasheet
148Kb / 7P
Phototriac Coupler for the Industrial Machinery, Consumer Electronics, and SSR Markets
logo
Japan Aviation Electron...
HB01 JAE-HB01 Datasheet
496Kb / 6P
Waterproof In-line Connector for Industrial Machinery
logo
Visual Communications C...
PCL22 VCC-PCL22 Datasheet
443Kb / 4P
Industrial Machinery
logo
Hirose Electric
PQ HIROSE-PQ_18 Datasheet
1Mb / 16P
High Power/Signal Connectors for Industrial Machinery
PX HIROSE-PX_18 Datasheet
387Kb / 8P
Power Supply Connectors For Industrial Equipment
logo
Skynet Electronic Copyr...
SNP-BXX SKYNET-SNP-BXX Datasheet
416Kb / 4P
Machinery Power
logo
Schaffner International...
FN-3256 SCHAFFNER-FN-3256 Datasheet
572Kb / 4P
Compact Line Filter for Industrial Machinery/Equipment
FN-3280 SCHAFFNER-FN-3280 Datasheet
566Kb / 4P
High-end Line Filter for Machinery/Equipment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com