Electronic Components Datasheet Search
  English  ▼

X  

VDX-10K Datasheet (PDF) - Premium PSU

VDX-10K Datasheet PDF - Premium PSU
Part # VDX-10K
Download  VDX-10K Download
File Size   1215.92 Kbytes
Page   12 Pages
Manufacturer  PSU [Premium PSU]
Direct Link  https://premiumpsu.com/contact/
Logo PSU - Premium PSU
Description VDX-10K

VDX-10K Datasheet (PDF)

Go To PDF Page Download Datasheet
VDX-10K Datasheet PDF - Premium PSU

Part # VDX-10K
Download  VDX-10K Click to download

File Size   1215.92 Kbytes
Page   12 Pages
Manufacturer  PSU [Premium PSU]
Direct Link  https://premiumpsu.com/contact/
Logo PSU - Premium PSU
Description VDX-10K

VDX-10K Datasheet (HTML) - Premium PSU


VDX-10K Product details

GENERAL FEATURES:
Sine wave output voltage
Suitable for motors control
Adjustable output frequency
Adjustable output voltage
Remote ON/OFF opto-coupled
Alarm by isolated relay contacts
Configurable input: Reverse or Mid power
Remote control via RS232 or CAN Bus
(both interfaces available)
Railway according to EN50155:2021
Fire and smoke: EN45545-2:2020




Similar Part No. - VDX-10K

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VDX1047 CPI-VDX1047 Datasheet
308Kb / 1P
TR Limiter
VDX1324 CPI-VDX1324 Datasheet
286Kb / 1P
TR Limiter
VDX1362 CPI-VDX1362 Datasheet
343Kb / 1P
Pre-TR, TR Limiter
VDX1378 CPI-VDX1378 Datasheet
328Kb / 1P
Pre-TR Limiter
VDX1643 CPI-VDX1643 Datasheet
408Kb / 1P
TR Limiter/ Attenuator
More results


Similar Description - VDX-10K

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1828 NTE-NTE1828 Datasheet
21Kb / 2P
Integrated Circuit Quad Transistor Array, 10k?
logo
PHOENIX CONTACT
2942124 PHOENIX-2942124 Datasheet
100Kb / 4P
EMG 30-SP/10K LIN
logo
List of Unclassifed Man...
ECLPGM-5 ETC1-ECLPGM-5 Datasheet
40Kb / 1P
10K ECL Pulse Generator Module
logo
SparkFun Electronics
COM-09806 SPARKFUN-COM-09806 Datasheet
93Kb / 1P
Trimpot 10K with Knob
5??5??7
logo
Molex Electronics Ltd.
2152703607 MOLEX-2152703607 Datasheet
321Kb / 1P
NTC EPOXY - 3600 100MM 10K 1%
2021/03/05
2152743607 MOLEX-2152743607 Datasheet
327Kb / 1P
NTC EPOXY - 3964 100MM 10K 1%
2021/03/05
2152793607 MOLEX-2152793607 Datasheet
323Kb / 1P
NTC EPOXY - 4035 100MM 10K 1%
2021/03/05
logo
Advantech Co., Ltd.
BB-WCHCBL ADVANTECH-BB-WCHCBL Datasheet
578Kb / 1P
Breakout Cable - 10K Thermistor
logo
Molex Electronics Ltd.
2152703603 MOLEX-2152703603 Datasheet
320Kb / 1P
NTC EPOXY - 3600 25MM 10K 1%
2021/03/05
2152743603 MOLEX-2152743603 Datasheet
326Kb / 1P
NTC EPOXY - 3964 25MM 10K 1%
2021/03/05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com