Electronic Components Datasheet Search
  English  ▼

X  

IS29GL256 Datasheet (PDF) - Integrated Silicon Solution, Inc

IS29GL256 Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS29GL256
Download  IS29GL256 Download
File Size   1536.79 Kbytes
Page   74 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 3.0V PAGE MODE PARALLEL FLASH MEMORY

IS29GL256 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS29GL256 Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS29GL256
Download  IS29GL256 Click to download

File Size   1536.79 Kbytes
Page   74 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 3.0V PAGE MODE PARALLEL FLASH MEMORY

IS29GL256 Datasheet (HTML) - Integrated Silicon Solution, Inc


IS29GL256 Product details

FEATURES
• Single power supply operation
- Full voltage range: 2.7 to 3.6 volts read and
write operations
• Fast Access Time at -40°C to +125°C:
- 70ns (1) at Vcc = 3.0V~3.6V, VIO = 3.0V~3.6V
- VIO Input/Output 1.65V to 3.6V.
- All input levels (address, control, and DQ input
levels) and outputs are determined by voltage
on VIO input.
• 8-word/16-byte page read buffer
• 32-word/64-byte write buffer reduces overall
programming time for multiple-word updates
• Secured Silicon Region (SSR)
- 512-word/1024-byte sector for permanent,
secure identification
- 256-word Factory Locked SSR and 256-word
Customer Locked SSR
• Uniform 64Kword/128KByte Sector
Architecture
• Suspend and Resume commands for Program
and Erase operations
• Write operation status bits indicate program
and erase operation completion
• Support for CFI (Common Flash Interface)
• Volatile and non-volatile methods of Advanced
Sector Protection
• WP#/ACC input
- Accelerates programming time (when VHH is
applied) for greater throughput during system
production
- Protects first or last sector regardless of sector
protection settings
• Hardware reset input (RESET#) resets device
• Ready/Busy# output (RY/BY#) detects program
or erase cycle completion
• Minimum 100K program/erase endurance
cycles.
• Data retention : 20 years (TYP)
• Package Options
- 56-pin TSOP
- 64-ball 13mm x 11mm BGA (Call Factory)
- 64-ball 9mm x 9mm BGA
- 56-ball 9mm x 7mm BGA (Call Factory)
• Temperature Range
- Extended Grade: -40°C to +105°C
- Automotive Grade: -40°C to +125°C




Similar Part No. - IS29GL256

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS29GL256 ISSI-IS29GL256 Datasheet
1Mb / 70P
16-word/32-byte page read buffer
IS29GL256H-70DLA ISSI-IS29GL256H-70DLA Datasheet
1Mb / 70P
16-word/32-byte page read buffer
IS29GL256H-70DLE ISSI-IS29GL256H-70DLE Datasheet
1Mb / 70P
16-word/32-byte page read buffer
IS29GL256H-70DLV ISSI-IS29GL256H-70DLV Datasheet
1Mb / 70P
16-word/32-byte page read buffer
IS29GL256H-70FLA ISSI-IS29GL256H-70FLA Datasheet
1Mb / 70P
16-word/32-byte page read buffer
More results


Similar Description - IS29GL256

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W764M32V-XSBX WEDC-W764M32V-XSBX Datasheet
505Kb / 16P
64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
logo
Winbond
W29GL032C WINBOND-W29GL032C Datasheet
1Mb / 66P
32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C Datasheet
1Mb / 66P
64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C Datasheet
1Mb / 64P
128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL032C WINBOND-W29GL032C_13 Datasheet
897Kb / 68P
32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C_13 Datasheet
1Mb / 68P
64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C_13 Datasheet
793Kb / 67P
128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9C-TR WINBOND-W29GL128CH9C-TR Datasheet
1Mb / 67P
128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256PL9T-TR WINBOND-W29GL256PL9T-TR Datasheet
1Mb / 64P
256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256SH9T-TR WINBOND-W29GL256SH9T-TR Datasheet
2Mb / 88P
256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com