Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet (PDF) - Texas Instruments

OPA378 Datasheet PDF - Texas Instruments
Part # OPA378
Download  OPA378 Download
File Size   900.11 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zerø-Drift Series

OPA378 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA378 Datasheet PDF - Texas Instruments

Part # OPA378
Download  OPA378 Click to download

File Size   900.11 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zerø-Drift Series

OPA378 Datasheet (HTML) - Texas Instruments


OPA378 Product details

1FEATURES
23• LOW NOISE
– 0.4μVPP, 0.1Hz to 10Hz
– 20nV/√Hz at 1kHz
• ZERØ-DRIFT SERIES
– LOW OFFSET VOLTAGE: 20μV
– LOW OFFSET DRIFT: 0.1μV/°C
• QUIESCENT CURRENT: 125μA
• GAIN BANDWIDTH: 900kHz
• RAIL-TO-RAIL INPUT/OUTPUT
• EMI FILTERING
• SUPPLY VOLTAGE: 2.2V to 5.5V
• microSIZE PACKAGES: SC70 and SOT23

APPLICATIONS
• PORTABLE MEDICAL DEVICES
– GLUCOSE METERS
– OXYGEN METERING
– HEART RATE MONITORS
• WEIGH SCALES
• BATTERY-POWERED INSTRUMENTS
• THERMOPILE MODULES
• HANDHELD TEST EQUIPMENT
• SENSOR SIGNAL CONDITIONING

DESCRIPTION
The OPA378 and OPA2378 represent a new
generation of Zerø-Drift, microPOWER™ operational
amplifiers that use a proprietary auto-calibration
technique to provide minimal input offset voltage
(20μV) and offset voltage drift (0.1μV/°C). The
combination of low input voltage noise, high gain
bandwidth (900kHz), and low power (150μA max)
enable these devices to achieve optimum
performance for low-power precision applications. In
addition, the excellent PSRR performance, coupled
with a wide input supply range of 2.2V to 5.5V and
rail-to-rail input and output, makes it an outstanding
choice for single-supply applications that run directly
from batteries without regulation.
The OPA378 (single version) is available in both a
microSIZE SC70-5 and a SOT23-5 package. The
OPA2378 (dual version) is offered in a SOT23-8
package. All versions are specified for operation from
–40°C to +125°C.




Similar Part No. - OPA378

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
354Kb / 14P
Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378 Datasheet
980Kb / 24P
Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378 Datasheet
792Kb / 27P
Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI1-OPA378 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA378 TI1-OPA378 Datasheet
1Mb / 26P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
More results


Similar Description - OPA378

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7731 NSC-LMP7731 Datasheet
709Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO, Operational Amplifier
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
354Kb / 14P
Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378_1 Datasheet
980Kb / 24P
Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378_2 Datasheet
792Kb / 27P
Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA378 TI-OPA378_15 Datasheet
1Mb / 29P
Low-Noise, 900kHz, RRIO,Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
TLV365 TI-TLV365 Datasheet
1Mb / 26P
TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier
DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com