Electronic Components Datasheet Search
  English  ▼

X  

OPA2277 Datasheet (PDF) - Texas Instruments

OPA2277 Datasheet PDF - Texas Instruments
Part # OPA2277
Download  OPA2277 Download
File Size   1663.9 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx277 High-Precision Operational Amplifiers

OPA2277 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2277 Datasheet PDF - Texas Instruments

Part # OPA2277
Download  OPA2277 Click to download

File Size   1663.9 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx277 High-Precision Operational Amplifiers

OPA2277 Datasheet (HTML) - Texas Instruments


OPA2277 Product details

1 Features
• Ultra-low offset voltage: 10 μV
• Ultra-low drift: ±0.1 μV/°C
• High open-loop gain: 134 dB
• High common-mode rejection: 140 dB
• High power-supply rejection: 130 dB
• Low bias current: 1-nA maximum
• Wide supply range: ±2 V to ±18 V
• Low quiescent current: 800 μA/amplifier
• Single, dual, and quad versions
• Replaces OP-07, OP-77, and OP-177
• For similar performance with ±40-V overvoltage
protection, see the OPA2206

2 Applications
• Analog input module
• Weigh scale
• Temperature transmitter
• Pressure transmitter
• Data acquisition (DAQ)
• Lab and field instrumentation
• Battery test

3 Description
The OPAx277 series of precision operational
amplifiers replace the industry standard OP-177. The
OPAx277 devices offer improved noise, wider output
voltage swing, and are twice as fast with half the
quiescent current. Features include ultra-low offset
voltage and drift, low bias current, high commonmode
rejection, and high power supply rejection.
The OPAx277 operate from ±2-V to ±18-V supplies
with excellent performance. Unlike most op amps that
are specified at only one supply voltage, the OPAx277
series is specified for real-world applications; a single
limit applies over the ±5-V (10-V) to ±15-V (30-V)
supply range. High performance is maintained as the
amplifiers swing to the specified limits. Because the
initial offset voltage (±20 μV, maximum) is so low,
user adjustment is usually not required. However, the
single version (OPA277) provides external trim pins
for special applications.
The OPAx277 are easy to use and free from phase
inversion and the overload problems found in some
other op amps. These devices are unity-gain stable
and provide excellent dynamic behavior over a wide
range of load conditions. Dual and quad versions
feature completely independent circuitry for lowest
crosstalk and freedom from interaction, even when
overdriven or overloaded.




Similar Part No. - OPA2277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2277 BURR-BROWN-OPA2277 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2277 TI1-OPA2277 Datasheet
168Kb / 4P
HIGH-PRECISION OPERATIONAL AMPLIFIER
OPA2277 TI1-OPA2277 Datasheet
1Mb / 27P
High Precision OPERATIONAL AMPLIFIERS
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
HIGH-PRECISION OPERATIONAL AMPLIFIER
OPA2277-EP TI-OPA2277-EP Datasheet
395Kb / 21P
OPA2277-EP High-Precision, Low-Noise Operational Amplifier
More results


Similar Description - OPA2277

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
PRECISION OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277 Datasheet
346Kb / 9P
High Precision OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
Precision Operational Amplifiers
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
PRECISION OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277U TI-OPA277U Datasheet
1Mb / 26P
High Precision OPERATIONAL AMPLIFIERS
OPA277UA2K5 TI1-OPA277UA2K5 Datasheet
1Mb / 27P
High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com