Electronic Components Datasheet Search
  English  ▼

X  

OPA145 Datasheet (PDF) - Texas Instruments

OPA145 Datasheet PDF - Texas Instruments
Part # OPA145
Download  OPA145 Download
File Size   2573.84 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers

OPA145 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA145 Datasheet PDF - Texas Instruments

Part # OPA145
Download  OPA145 Click to download

File Size   2573.84 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers

OPA145 Datasheet (HTML) - Texas Instruments


OPA145 Product details

1 Features
• Best bandwidth and slew-rate-to-power ratio:
– gain-bandwidth product: 5.5 MHz
– Slew rate: 20 V/μs
– Low supply current: 475 μA (maximum)
• High precision:
– Very low offset: 150 μV (maximum)
– Very low offset drift: 1 μV/°C (maximum)
• Low input bias current: 2 pA
• Excellent noise performance:
– Very low voltage noise: 7 nV/√Hz
– Very low current noise: 0.8 fA/√ Hz
• Input-voltage range includes V– supply
• Single-supply operation: 4.5 V to 36 V
• Dual-supply operation: ±2.25 V to ±18 V

2 Applications
• Semiconductor test
• Lab and field instrumentation
• Source measurement unit (SMU)
• Weigh scale
• Intra-DC interconnect (metro)
• Merchant network and server PSU
• DC power supply, ac source, electronic load
• Data acquisition (DAQ)

3 Description
The OPA145 and OPA2145 (OPAx145) devices are
part of a family of low-power JFET input amplifier
that have excellent drift, low current noise, and picoampere
input bias current. These features make the
OPAx145 an excellent choice for amplifying small
signals from high-impedance sensors.
The rail-to-rail output swing interfaces to modern,
single-supply, precision, analog-to-digital converters
(ADCs) and digital-to-analog converters (DACs). In
addition, the input range that includes V– allows
designers to simplify power management and take
advantage of the single-supply, low-noise JFET
architecture.




Similar Part No. - OPA145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA145 TI1-OPA145 Datasheet
1Mb / 40P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI1-OPA145 Datasheet
1Mb / 39P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145 TI1-OPA145 Datasheet
2Mb / 44P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145 TI1-OPA145 Datasheet
2Mb / 43P
OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145 Datasheet
2Mb / 42P
OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
More results


Similar Description - OPA145

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. F
logo
Texas Instruments
OPA145 TI1-OPA145 Datasheet
1Mb / 40P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
Low Noise, Rail-to-Rail Output Operational Amplifiers
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145 TI1-OPA145_V01 Datasheet
2Mb / 43P
OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V02 Datasheet
2Mb / 42P
OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V03 Datasheet
2Mb / 42P
OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com