Electronic Components Datasheet Search
  English  ▼

X  

0879180002 Datasheet (PDF) - Molex Electronics Ltd.

0879180002 Datasheet PDF - Molex Electronics Ltd.
Part # 0879180002
Download  0879180002 Download
File Size   38.03 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MiniDIMM

0879180002 Datasheet (PDF)

Go To PDF Page Download Datasheet
0879180002 Datasheet PDF - Molex Electronics Ltd.

Part # 0879180002
Download  0879180002 Click to download

File Size   38.03 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MiniDIMM

0879180002 Datasheet (HTML) - Molex Electronics Ltd.


0879180002 Product details

Description: 0.60mm (.024") Pitch miniDIMM Socket, Surface Mount, Right Angle, 2.5V Key, 244 Circuits, Lead-free




Similar Part No. - 0879180002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879180001 MOLEX10-0879180001 Datasheet
370Kb / 6P
0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, Right Angle, 1.8V Key, 244 Circuits, Lead-free
0879180001 MOLEX11-0879180001 Datasheet
35Kb / 2P
0.60mm Pitch miniDIMM DDR2 Socket, Surface Mount, Right Angle, 1.8V Key
More results


Similar Description - 0879180002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62100-1900 MOLEX11-62100-1900 Datasheet
40Kb / 1P
MiniDIMM Memory Card Extraction Tool
62100-1950 MOLEX11-62100-1950 Datasheet
42Kb / 1P
MiniDIMM Memory Card Insertion Tool
0780011244 MOLEX11-0780011244 Datasheet
31Kb / 2P
0.60mm Pitch miniDIMM Socket, Surface Mount, Reverse Right Angle
0877822007 MOLEX11-0877822007 Datasheet
33Kb / 2P
0.60mm Pitch miniDIMM DDR2 Socket, Vertical, Surface Mount, 0.76m
1511050001 MOLEX11-1511050001 Datasheet
44Kb / 2P
0.50mm Pitch DDR4 miniDIMM Socket, Surface Mount, Vertical
62100-1950 MOLEX-62100-1950 Datasheet
197Kb / 3P
MiniDIMM Memory Card Insertion Tool
02-24-12
62100-1960 MOLEX-62100-1960 Datasheet
219Kb / 3P
MiniDIMM Memory Card Insertion Tool
12-18-13
62100-1900 MOLEX-62100-1900 Datasheet
202Kb / 3P
MiniDIMM Memory Card Extraction Tool
02-24-12
0621001900 MOLEX-0621001900 Datasheet
36Kb / 2P
MiniDIMM Memory Card Extraction Tool
08/25/2022
0621001950 MOLEX-0621001950 Datasheet
34Kb / 2P
MiniDIMM Memory Card Insertion Tool
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com