Electronic Components Datasheet Search
  English  ▼

X  

6037322 Datasheet (PDF) - SICK AG

6037322 Datasheet PDF - SICK AG
Part # 6037322
Download  6037322 Download
File Size   379.45 Kbytes
Page   8 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description W100 Laser MINIATURE PHOTOELECTRIC SENSORS

6037322 Datasheet (PDF)

Go To PDF Page Download Datasheet
6037322 Datasheet PDF - SICK AG

Part # 6037322
Download  6037322 Click to download

File Size   379.45 Kbytes
Page   8 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description W100 Laser MINIATURE PHOTOELECTRIC SENSORS

6037322 Datasheet (HTML) - SICK AG


6037322 Product details

Features
Functional principle Photoelectric retro-reflective sensor
Functional principle detail Dual lens
Dimensions (W x H x D) 11 mm x 31 mm x 20 mm
Housing design (light emission) Rectangular
Sensing range max. 0.08 m ... 12 m
Sensing range 0.08 m ... 10 m
Type of light Visible red light
Light source Laser
Light spot size (distance) Ø 12 mm (10 m)
Wave length 650 nm
Laser class 1
Adjustment Potentiometer, 270°
Special applications Detecting small objects, Detection of objects moving at high speeds




Similar Part No. - 6037322

ManufacturerPart #DatasheetDescription
logo
SICK AG
6037322 SICK-6037322 Datasheet
375Kb / 4P
Plug connector cable
6037322 SICK-6037322 Datasheet
943Kb / 8P
INDUCTIVE PROXIMITY SENSORS
2024-03-01 12:33:38
6037322 SICK-6037322 Datasheet
952Kb / 8P
INDUCTIVE PROXIMITY SENSORS
2024-03-01 12:33:38
More results


Similar Description - 6037322

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
Miniature self-contained photoelectric sensors in universal housing
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
Miniature self-contained photoelectric sensors in universal housing
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
Miniature self-contained photoelectric sensors in universal housing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com