Electronic Components Datasheet Search
  English  ▼

X  

MSP430FR59941IPN Datasheet (PDF) - Texas Instruments

MSP430FR59941IPN Datasheet PDF - Texas Instruments
Part # MSP430FR59941IPN
Download  MSP430FR59941IPN Download
File Size   4944.33 Kbytes
Page   180 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430FR599x, MSP430FR596x Mixed-Signal Microcontrollers

MSP430FR59941IPN Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430FR59941IPN Datasheet PDF - Texas Instruments

Part # MSP430FR59941IPN
Download  MSP430FR59941IPN Click to download

File Size   4944.33 Kbytes
Page   180 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430FR599x, MSP430FR596x Mixed-Signal Microcontrollers

MSP430FR59941IPN Datasheet (HTML) - Texas Instruments


MSP430FR59941IPN Product details

1 Features
• Embedded microcontroller
– 16-bit RISC architecture up to 16‑MHz clock
– Up to 256KB of ferroelectric random access
memory (FRAM)
• Ultra-low-power writes
• Fast write at 125 ns per word (64KB in
4 ms)
• Flexible allocation of data and application
code in memory
• 1015 write cycle endurance
• Radiation resistant and nonmagnetic
– Wide supply voltage range from 3.6 V down to
1.8 V (minimum supply voltage is restricted by
SVS levels, see the SVS specifications)
• Optimized ultra-low-power modes
– Active mode: 118 μA/MHz
– Standby with VLO (LPM3): 500 nA
– Standby with real-time clock (RTC) (LPM3.5):
350 nA (the RTC is clocked by a 3.7-pF crystal)
– Shutdown (LPM4.5): 45 nA
• Low-energy accelerator (LEA) for signal
processing (MSP430FR599x only)
– Operation independent of CPU
– 4KB of RAM shared with CPU
– Efficient 256-point complex FFT:
Up to 40x faster than Arm® Cortex®-M0+ core
• Intelligent digital peripherals
– 32-bit hardware multiplier (MPY)
– 6-channel internal DMA
– RTC with calendar and alarm functions
– Six 16-bit timers with up to seven capture/
compare registers each
– 32- and 16-bit cyclic redundancy check (CRC)
• High-performance analog
– 16-channel analog comparator
– 12-bit analog-to-digital converter (ADC)
featuring window comparator, internal reference
and sample-and-hold, up to 20 external input
channels
• Multifunction input/output ports
– All pins support capacitive-touch capability with
no need for external components
– Accessible bit-, byte-, and word-wise (in pairs)
– Edge-selectable wake from LPM on all ports
– Programmable pullup and pulldown on all ports
• Code security and encryption
– 128- or 256-bit AES security encryption and
decryption coprocessor
– Random number seed for random number
generation algorithms
– IP encapsulation protects memory from
external access
• Enhanced serial communication
– Up to four eUSCI_A serial communication ports
• UART with automatic baud-rate detection
• IrDA encode and decode
– Up to four eUSCI_B serial communication ports
• I2C with multiple-slave addressing
– Hardware UART or I2C bootloader (BSL)
• Flexible clock system
– Fixed-frequency DCO with 10 selectable
factory-trimmed frequencies
– Low-power low-frequency internal clock source
(VLO)
– 32-kHz crystals (LFXT)
– High-frequency crystals (HFXT)
• Development tools and software (also see Tools
and Software)
– Development kits (MSP-EXP430FR5994
LaunchPad™ development kit and
MSP‑TS430PN80B target socket board)
– MSP430Ware™ software for MSP430™
microcontrollers
• Device Comparison summarizes the available
devices

2 Applications
• Grid infrastructure
• Factory automation & control
• Building automation
• Wearable fitness & activity monitor
• Wearable electronics

3 Description
The MSP430FR599x microcontrollers (MCUs) take low power and performance to the next level with the unique
low-energy accelerator (LEA) for digital signal processing. This accelerator delivers 40x the performance of
Arm® Cortex®-M0+ MCUs to help developers efficiently process data using complex functions such as FFT, FIR,
and matrix multiplication. Implementation requires no DSP expertise with a free optimized DSP Library available.
Additionally, with up to 256KB of unified memory with FRAM, these devices offer more space for advanced
applications and flexibility for effortless implementation of over-the-air firmware updates.
The MSP ultra-low-power (ULP) FRAM microcontroller platform combines uniquely embedded FRAM and a
holistic ultra-low-power system architecture, allowing system designers to increase performance while lowering
energy consumption. FRAM technology combines the low-energy fast writes, flexibility, and endurance of RAM
with the nonvolatile behavior of flash.
MSP430FR599x MCUs are supported by an extensive hardware and software ecosystem with reference designs
and code examples to get your design started quickly. Development kits for the MSP430FR599x include the
MSP-EXP430FR5994 LaunchPad™ development kit and the MSP-TS430PN80B 80-pin target development
board. TI also provides free MSP430Ware™ software, which is available as a component of Code Composer
Studio™ IDE desktop and cloud versions within TI Resource Explorer.
For complete module descriptions, see the MSP430FR58xx, MSP430FR59xx, and MSP430FR6xx Family User's
Guide.




Similar Part No. - MSP430FR59941IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR59941IPN TI1-MSP430FR59941IPN Datasheet
1Mb / 168P
Mixed-Signal Microcontrollers
MSP430FR59941IPN TI1-MSP430FR59941IPN Datasheet
2Mb / 169P
Mixed-Signal Microcontrollers
MSP430FR59941IPNR TI1-MSP430FR59941IPNR Datasheet
1Mb / 168P
Mixed-Signal Microcontrollers
MSP430FR59941IPNR TI1-MSP430FR59941IPNR Datasheet
2Mb / 169P
Mixed-Signal Microcontrollers
More results


Similar Description - MSP430FR59941IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com