Electronic Components Datasheet Search
  English  ▼

X  

MSP430G2X03 Datasheet (PDF) - Texas Instruments

MSP430G2X03 Datasheet PDF - Texas Instruments
Part # MSP430G2X03
Download  MSP430G2X03 Download
File Size   2162.7 Kbytes
Page   96 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers

MSP430G2X03 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430G2X03 Datasheet PDF - Texas Instruments

Part # MSP430G2X03
Download  MSP430G2X03 Click to download

File Size   2162.7 Kbytes
Page   96 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers

MSP430G2X03 Datasheet (HTML) - Texas Instruments


MSP430G2X03 Product details

1.1 Features 1
• Low Supply-Voltage Range: 1.8 V to 3.6 V
• Ultra-Low Power Consumption
– Active Mode: 230 μA at 1 MHz, 2.2 V
– Standby Mode: 0.5 μA
– Off Mode (RAM Retention): 0.1 μA
• Five Power-Saving Modes
• Ultra-Fast Wake up From Standby Mode in Less
Than 1 μs
• 16-Bit RISC Architecture, 62.5-ns Instruction Cycle
Time
• Basic Clock Module Configurations
– Internal Frequencies up to 16 MHz With Four
Calibrated Frequencies
– Internal Very-Low-Power Low-Frequency (LF)
Oscillator
– 32-kHz Crystal
– External Digital Clock Source
• Two 16-Bit Timer_A With Three Capture/Compare
Registers
• Up to 24 Capacitive-Touch Enabled I/O Pins
• Universal Serial Communication Interface (USCI)
– Enhanced UART Supports Automatic Baud-
Rate Detection (LIN)
– IrDA Encoder and Decoder
– Synchronous SPI
– I2C
• 10-Bit 200-ksps Analog-to-Digital Converter (ADC)
With Internal Reference, Sample-and-Hold, and
Autoscan (See Table 3-1)
• Brownout Detector
• Serial Onboard Programming,
No External Programming Voltage Needed,
Programmable Code Protection by Security Fuse
• On-Chip Emulation Logic With Spy-Bi-Wire
Interface
• Section 3 Summarizes Available Family Members
• Package Options
– TSSOP: 20 Pin, 28 Pin
– PDIP: 20 Pin
– QFN: 32 Pin
• For Complete Module Descriptions, See the
MSP430x2xx Family User’s Guide (SLAU144)

1.2 Applications
• Power Management
• Sensor Interface
• Capacitive Touch

1.3 Description
The TI MSP family of ultra-low-power microcontrollers consists of several devices that feature different
sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device
features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to
maximum code efficiency. The digitally controlled oscillator (DCO) allows the device to wake up from lowpower
modes to active mode in less than 1 μs.
The MSP430G2x03 and MSP430G2x33 devices are ultra-low-power mixed-signal microcontrollers with
built-in 16-bit timers, up to 24 I/O capacitive-touch enabled pins, and built-in communication capability
using the USCI. In addition, the MSP430G2x33 family members have a 10-bit ADC. See Section 3 for
configuration details.
Typical applications include low-cost sensor systems that capture analog signals, convert them to digital
values, and then process the data for display or for transmission to a host system.




Similar Part No. - MSP430G2X03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2X03 TI-MSP430G2X03 Datasheet
845Kb / 63P
MIXED SIGNAL MICROCONTROLLER
MSP430G2X03 TI1-MSP430G2X03 Datasheet
1Mb / 71P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430G2X03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com