Electronic Components Datasheet Search
  English  ▼

X  

LMZ31707RVQR.B Datasheet (PDF) - Texas Instruments

LMZ31707RVQR.B Datasheet PDF - Texas Instruments
Part # LMZ31707RVQR.B
Download  LMZ31707RVQR.B Download
File Size   1297.45 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ31707 7-A Power Module with 2.95-V to 17-V Input and Current Sharing in QFN Package

LMZ31707RVQR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ31707RVQR.B Datasheet PDF - Texas Instruments

Part # LMZ31707RVQR.B
Download  LMZ31707RVQR.B Click to download

File Size   1297.45 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ31707 7-A Power Module with 2.95-V to 17-V Input and Current Sharing in QFN Package

LMZ31707RVQR.B Datasheet (HTML) - Texas Instruments


LMZ31707RVQR.B Product details

1 Features
1• Complete integrated power solution allows
small footprint, low-profile design
• 10-mm × 10-mm × 4.3-mm package
– Pin compatible with LMZ31710 and LMZ31704
• Efficiencies up to 95%
• Eco-mode™ / light load efficiency (LLE)
• Wide-output voltage adjust
0.6 V to 5.5 V, with 1% reference accuracy
• Supports parallel operation for higher current
• Optional split power rail allows
input voltage down to 2.95 V
• Adjustable switching frequency
(200 kHz to 1.2 MHz)
• Synchronizes to an external clock
• Provides 180° out-of-phase clock signal
• Adjustable slow start
• Output voltage sequencing / tracking
• Power good output
• Programmable undervoltage lockout (UVLO)
• Overcurrent and overtemperature protection
• Pre-Bias output start-up
• Operating temperature range: –40°C to +85°C
• Enhanced thermal performance: 13.3°C/W
• Meets EN55022 Class B emissions
– Integrated shielded inductor
• Create a custom design using the LMZ31707 with
the WEBENCH® Power Designer

2 Applications
• Broadband and communications infrastructure
• Automated test and medical equipment
• Compact PCI / PCI express / PXI express
• DSP and FPGA point-of-load applications

3 Description
The LMZ31707 SIMPLE SWITCHER® power module
is an easy-to-use integrated power solution that
combines a 7-A DC-DC converter with power
MOSFETs, a shielded inductor, and passives into a
low profile, QFN package. This total power solution
allows as few as three external components and
eliminates the loop compensation and magnetics part
selection process.
The 10-mm × 10-mm × 4.3-mm QFN package is easy
to solder onto a printed circuit board and allows a
compact point-of-load design. Achieves greater than
95% efficiency and excellent power dissipation
capability with a thermal impedance of 13.3°C/W. The
LMZ31707 offers the flexibility and the feature-set of
a discrete point-of-load design and is ideal for
powering a wide range of ICs and systems.
Advanced packaging technology affords a robust and
reliable power solution compatible with standard QFN
mounting and testing techniques.




Similar Part No. - LMZ31707RVQR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31707RVQR TI1-LMZ31707RVQR Datasheet
964Kb / 33P
7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results


Similar Description - LMZ31707RVQR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
TPSM863252 TI-TPSM863252 Datasheet
1Mb / 28P
TPSM86325x 3-V to 17-V Input, 3-A Synchronous Buck Module in QFN Package
MARCH 2023
TPSM863252 TI-TPSM863252_V01 Datasheet
1Mb / 23P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED JUNE 2023
TPSM861253 TI-TPSM861253 Datasheet
1Mb / 27P
TPSM861253 3.8-V to 17-V Input, 1-A, Synchronous Buck Module in QFN Package
SEPTEMBER 2023
TPSM863252 TI-TPSM863252_V02 Datasheet
1Mb / 29P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com