Electronic Components Datasheet Search
  English  ▼

X  

LMZ31530 Datasheet (PDF) - Texas Instruments

LMZ31530 Datasheet PDF - Texas Instruments
Part # LMZ31530
Download  LMZ31530 Download
File Size   1056.73 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ31530 30-A Power Module With 3-V to 14.5-V Input in QFN Package

LMZ31530 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ31530 Datasheet PDF - Texas Instruments

Part # LMZ31530
Download  LMZ31530 Click to download

File Size   1056.73 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ31530 30-A Power Module With 3-V to 14.5-V Input in QFN Package

LMZ31530 Datasheet (HTML) - Texas Instruments


LMZ31530 Product details

1 Features
1• Complete Integrated Power Solution;
Smaller than a Discrete Design
• 15 mm × 16 mm × 5.8 mm Package Size
- Pin Compatible with LMZ31520
• Ultra-Fast Load Step Response
• Efficiencies Up To 96%
• Wide-Output Voltage Adjust
0.6 V to 3.6 V, with 1% Reference Accuracy
• Optional Split Power Rails Allows
Input Voltage Down to 3 V
• Selectable Switching Frequency;
(300 kHz to 850 kHz)
• Selectable Slow-Start
• Adjustable Over Current Limit
• Power Good Output
• Output Voltage Sequencing
• Over Temperature Protection
• Pre-bias Output Start-up
• Operating Temperature Range: –40°C to 85°C
• Enhanced Thermal Performance: 8.6°C/W
• Meets EN55022 Class A Emissions
- Integrated Shielded Inductor
• Create a Custom Design Using the LMZ31530
With the WEBENCH® Power Designer

2 Applications
• Broadband and Communications Infrastructure
• DSP and FPGA Point of Load Applications
• High Density Power Systems

3 Description
The LMZ31530 power module is an easy-to-use
integrated power solution that combines a 30-A
DC/DC converter with power MOSFETs, a shielded
inductor, and passives into a low profile, QFN
package. This total power solution allows as few as
three external components and eliminates the loop
compensation and magnetics part selection process.
The 15 × 16 × 5.8 mm, QFN package is easy to
solder onto a printed circuit board and allows a
compact point-of-load design. Achieves greater than
95% efficiency, has ultra-fast load step response and
excellent power dissipation capability with a thermal
impedance of 8.6°C/W. The LMZ31530 offers the
flexibility and the feature-set of a discrete point-ofload
design and is ideal for powering a wide range of
ICs and systems. Advanced packaging technology
affords a robust and reliable power solution
compatible with standard QFN mounting and testing
techniques.




Similar Part No. - LMZ31530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI2-LMZ31530 Datasheet
1Mb / 32P
LMZ31530 30-A Power Module With 3-V to 14.5-V Input in QFN Package
REVISED SEPTEMBER 2018
LMZ31530RLGT TI1-LMZ31530RLGT Datasheet
768Kb / 30P
30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530RLGT TI2-LMZ31530RLGT Datasheet
1Mb / 32P
LMZ31530 30-A Power Module With 3-V to 14.5-V Input in QFN Package
REVISED SEPTEMBER 2018
LMZ31530RLGT.A TI2-LMZ31530RLGT.A Datasheet
1Mb / 32P
LMZ31530 30-A Power Module With 3-V to 14.5-V Input in QFN Package
REVISED SEPTEMBER 2018
More results


Similar Description - LMZ31530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
TPSM53604 TI1-TPSM53604 Datasheet
1Mb / 33P
TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
TPSM53602 TI1-TPSM53602 Datasheet
1Mb / 33P
TPSM53602 36-V Input, 2-A Power Module in RLF QFN Package
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
TPSM53604 TI1-TPSM53604_V01 Datasheet
1Mb / 33P
TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
TPSM863252 TI-TPSM863252 Datasheet
1Mb / 28P
TPSM86325x 3-V to 17-V Input, 3-A Synchronous Buck Module in QFN Package
MARCH 2023
TPSM863252 TI-TPSM863252_V01 Datasheet
1Mb / 23P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED JUNE 2023
TPSM863252 TI-TPSM863252_V02 Datasheet
1Mb / 29P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com