Electronic Components Datasheet Search
  English  ▼

X  

LMX2572RHAT Datasheet (PDF) - Texas Instruments

LMX2572RHAT Datasheet PDF - Texas Instruments
Part # LMX2572RHAT
Download  LMX2572RHAT Download
File Size   1984.16 Kbytes
Page   90 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMX2572 6.4-GHz Low power wideband RF synthesizer with phase synchronization and JESD204B support

LMX2572RHAT Datasheet (PDF)

Go To PDF Page Download Datasheet
LMX2572RHAT Datasheet PDF - Texas Instruments

Part # LMX2572RHAT
Download  LMX2572RHAT Click to download

File Size   1984.16 Kbytes
Page   90 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMX2572 6.4-GHz Low power wideband RF synthesizer with phase synchronization and JESD204B support

LMX2572RHAT Datasheet (HTML) - Texas Instruments


LMX2572RHAT Product details

1 Features
1• Output frequency: 12.5 MHz to 6.4 GHz
• Low power consumption: 75 mA at 3.3-V supply
• –106-dBc/Hz Phase noise at 100-kHz offset with
6.4-GHz carrier
• PLL figure of merit: –232 dBc/Hz
• PLL normalized 1/f noise: –123.5 dBc/Hz
• 32-Bit Fractional-N divider
• Remove integer boundary spurs with
programmable input multiplier
• Synchronization of output phase across multiple
devices
• Support for JESD204B SYSREF with
programmable delay
• Support for ramp and chirp functions
• Support for FSK direct digital modulation
• Two programmable output power level differential
outputs
• Fast VCO calibration speed: < 20 μs
• Single 3-V to 3.5-V power supply

2 Applications
• Test and measurement equipment
• Digital 2-way radios
• Low power radio communication systems
• Satellite communication
• Wireless microphones
• Propriety wireless connectivity
• MIMO
• RADAR
• High-speed data converter clocking

3 Description
The LMX2572 is a low-power, high-performance
wideband synthesizer that can generate any
frequency from 12.5 MHz to 6.4 GHz without using an
internal doubler. The PLL delivers excellent
performance while consuming just 75 mA from a
single 3.3-V supply.
For applications like digital mobile radio (DMR) and
wireless microphones, the LMX2572 supports FSK
modulation. Discrete level FSK and pulse-shaping
FSK are supported. Direct digital FSK modulation is
achievable through programming or pins.
The LMX2572 allows users to synchronize the output
of multiple devices and also enables applications that
need deterministic delay between input and output.
The LMX2572 provides an option to adjust the phase
with fine granularity to account for delay mismatch on
the board or within devices. A frequency ramp
generator can synthesize up to two segments of ramp
in an automatic ramp generation option or a manual
option for maximum flexibility. The fast calibration
algorithm allows the user to change frequencies
faster than 20 μs. The LMX2572 also supports
generating or repeating SYSREF (compliant to
JESD204B standard) making it an ideal low-power,
low-noise clock source for clocking high-speed data
converters. Fine delay adjustment is provided in this
configuration to account for delay differences of board
traces.
The LMX2572 integrates LDOs from a single 3.3-V
supply, thus eliminating the need for onboard lownoise
LDOs.




Similar Part No. - LMX2572RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2572RHAT TI1-LMX2572RHAT Datasheet
1Mb / 87P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
More results


Similar Description - LMX2572RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572_17 Datasheet
1Mb / 87P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP Datasheet
839Kb / 91P
Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V01 Datasheet
1Mb / 69P
LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V02 Datasheet
1Mb / 68P
LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com