Electronic Components Datasheet Search
  English  ▼

X  

LM384 Datasheet (PDF) - Texas Instruments

LM384 Datasheet PDF - Texas Instruments
Part # LM384_V01
Download  LM384 Download
File Size   439.41 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM384 5W Audio Power Amplifier

LM384 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM384 Datasheet PDF - Texas Instruments

Part # LM384_V01
Download  LM384 Click to download

File Size   439.41 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM384 5W Audio Power Amplifier

LM384 Datasheet (HTML) - Texas Instruments


LM384 Product details

1FEATURES
2• Wide Supply Voltage Range: 12V to 26V
• Low Quiescent Power Drain
• Voltage Gain Fixed at 50
• High Peak Current Capability: 1.3A
• Input Referenced to GND
• High Input Impedance: 150kΩ
• Low Distortion: 0.25% (PO=4W, RL=8Ω)
• Quiescent Output Voltage is at One Half of the
Supply Voltage
• 14-Pin PDIP Package

DESCRIPTION
The LM384 is a power audio amplifier for consumer
applications. In order to hold system cost to a
minimum, gain is internally fixed at 34 dB. A unique
input stage allows ground referenced input signals.
The output automatically self-centers to one-half the
supply voltage.
The output is short-circuit proof with internal thermal
limiting. The package outline is standard dual-in-line.
A copper lead frame is used with the center three
pins on either side comprising a heat sink. This
makes the device easy to use in standard p-c layout.
Uses include simple phonograph amplifiers,
intercoms, line drivers, teaching machine outputs,
alarms, ultrasonic drivers, TV sound systems, AM-FM
radio and sound projector systems. See SNAA086 for
circuit details.




Similar Part No. - LM384_V01

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM3842A HTC-LM3842A Datasheet
120Kb / 6P
CURRENT MODE PWM CONTROLLER
LM3842A HTC-LM3842A Datasheet
120Kb / 6P
CURRENT MODE PWM CONTROLLER
LM3842A HTC-LM3842A Datasheet
353Kb / 7P
CURRENT MODE PWM CONTROLLER
LM3842AD HTC-LM3842AD Datasheet
353Kb / 7P
CURRENT MODE PWM CONTROLLER
LM3842AN HTC-LM3842AN Datasheet
353Kb / 7P
CURRENT MODE PWM CONTROLLER
More results


Similar Description - LM384_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
5W Audio Power Amplifier
logo
NTE Electronics
NTE1116 NTE-NTE1116 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
NTE1365 NTE-NTE1365 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
5W AUDIO POWER AMPLIFIER CIRCUIT
logo
NTE Electronics
NTE862 NTE-NTE862 Datasheet
76Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
logo
Panasonic Semiconductor
AN7140 PANASONIC-AN7140 Datasheet
37Kb / 2P
5W Audio Power Amplifier Circuit
logo
NTE Electronics
NTE1098 NTE-NTE1098 Datasheet
80Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
logo
Texas Instruments
LM384N TI1-LM384N Datasheet
356Kb / 11P
LM384 5W Audio Power Amplifier
LM384 TI-LM384_15 Datasheet
339Kb / 12P
LM384 5W Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC4158 FUMAN-TC4158 Datasheet
245Kb / 8P
5W Mono Digital Audio Power Amplifier IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com