Electronic Components Datasheet Search
  English  ▼

X  

PAH50S48-3.3 Datasheet (PDF) - TDK Electronics

PAH50S48-3.3 Datasheet PDF - TDK Electronics
Part # PAH50S48-3.3
Download  PAH50S48-3.3 Download
File Size   1818.52 Kbytes
Page   82 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single / Dual Output 50-450W

PAH50S48-3.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAH50S48-3.3 Datasheet PDF - TDK Electronics

Part # PAH50S48-3.3
Download  PAH50S48-3.3 Click to download

File Size   1818.52 Kbytes
Page   82 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single / Dual Output 50-450W

PAH50S48-3.3 Datasheet (HTML) - TDK Electronics


PAH50S48-3.3 Product details

■ Features
● Half brick industry standard size (61×12.7×57.9 mm)
● High power density (industry-leading level in 450W
full brick model)
● High efficiency: 92% (PAH450S48)
● Wide range of operating temperatures
(Baseplate temperature: -40 to +100℃ except PAH
200H)
● Wide variation
● Built-in capacitor: Ceramic capacitor only (high reliability)
(Organic polymer semiconductor capacitor is also used
for output smoothing in PAH200H/PAH75D.)




Similar Part No. - PAH50S48-3.3

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PAH50S48-3.3 LAMBDA-PAH50S48-3.3 Datasheet
111Kb / 2P
Single output 50W ~ 200W DC-DC power module?
More results


Similar Description - PAH50S48-3.3

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
RWS15A LAMBDA-RWS15A Datasheet
309Kb / 4P
Single output 15W ~ 450W
logo
Mean Well Enterprises C...
SE-450 MEANWELL-SE-450 Datasheet
846Kb / 2P
450W Single Output Power Supply
HRP-450-3.3 MEANWELL-HRP-450-3.3 Datasheet
460Kb / 3P
450W Single Output with PFC Function
HRPG-450 MEANWELL-HRPG-450_11 Datasheet
478Kb / 3P
450W Single Output with PFC Function
SE-450_0903 MEANWELL-SE-450_0903 Datasheet
998Kb / 2P
450W Single Output Power Supply
SE-450_1109 MEANWELL-SE-450_1109 Datasheet
315Kb / 2P
450W Single Output Power Supply
HRPG-450_1108 MEANWELL-HRPG-450_1108 Datasheet
477Kb / 3P
450W Single Output with PFC Function
HRP-450_1108 MEANWELL-HRP-450_1108 Datasheet
460Kb / 3P
450W Single Output with PFC Function
MSP-450 MEANWELL-MSP-450 Datasheet
98Kb / 3P
450W Single Output Medical Type
LRS-450 MEANWELL-LRS-450 Datasheet
610Kb / 4P
450W Single Output Switching Power Supply
2022-09-13
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com