Electronic Components Datasheet Search
  English  ▼

X  

34852 Datasheet (PDF) - TE Connectivity Ltd

34852 Datasheet PDF - TE Connectivity Ltd
Part # 34852
Download  34852 Download
File Size   2492.55 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description PLASTI-GRIP Terminals & Splices

34852 Datasheet (PDF)

Go To PDF Page Download Datasheet
34852 Datasheet PDF - TE Connectivity Ltd

Part # 34852
Download  34852 Click to download

File Size   2492.55 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description PLASTI-GRIP Terminals & Splices

34852 Datasheet (HTML) - TE Connectivity Ltd


34852 Product details

Key Features and Benefits
• Vinyl insulation sleeve provides good dielectric strength and supports the wire insulation so that no bare wire is exposed
• Most product is UL and CSA approved
• Most product rated to 105 degrees C, with an operating voltage of 600 V
• Insulation is 94V-0 rated
• Funneled wire entry on terminal prevents turned back wire strands and permits rapid wire insertion during high speed production
• Serrations in the crimp barrel provide maximum contact and tensile strength after crimping

Product Applications
• HVAC
• Instruments/Controls
• Lighting
• Switchgear
• Power Supplies
• Panel Boxes
• Transportation
• Motors




Similar Part No. - 34852

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3485 ETC2-3485 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
3485 ETC2-3485 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
3485 ETC2-3485 Datasheet
93Kb / 2P
THREADED STANDOFFS
logo
Keystone Electronics Co...
3485 KEYSTONE-3485 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
3M Electronics
3485-1700F 3M-3485-1700F Datasheet
446Kb / 3P
3M D Ribbon Junction Shell
22-Feb-2005
More results


Similar Description - 34852

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34853 ETC1-34853 Datasheet
49Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP
34854 ETC1-34854 Datasheet
47Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP
logo
Tyco Electronics
2-130102-1 MACOM-2-130102-1 Datasheet
55Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP
10054 MACOM-10054 Datasheet
39Kb / 1P
TERMINAL, SPADE, PLASTI GRIP
34856 MACOM-34856 Datasheet
54Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP
34162 MACOM-34162 Datasheet
78Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP
320569 MACOM-320569 Datasheet
258Kb / 30P
Standard Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com