Electronic Components Datasheet Search
  English  ▼

X  

DRV8256P Datasheet (PDF) - Texas Instruments

DRV8256P Datasheet PDF - Texas Instruments
Part # DRV8256P
Download  DRV8256P Download
File Size   3339.96 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8256E/P H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology

DRV8256P Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8256P Datasheet PDF - Texas Instruments

Part # DRV8256P
Download  DRV8256P Click to download

File Size   3339.96 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8256E/P H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology

DRV8256P Datasheet (HTML) - Texas Instruments


DRV8256P Product details

1 Features
• N-channel H-bridge motor driver
– Drives one bidirectional brushed-DC motor
– Two unidirectional brushed DC motors
• Integrated current sensing and regulation
• 4.5 V to 48 V Operating supply voltage range
• Multiple control interface options
– PHASE/ENABLE (PH/EN)
– PWM (IN/IN)
• Smart tune, fast and mixed decay options
• Low RDS(ON): 165 mΩ HS + LS at 24 V, 25°C
• High Output Current Capability: 6.4-A peak
• Limits inrush current of brushed-DC motors
• Configurable Off-Time PWM Chopping
– 7, 16, 24 or 32 μs
• Supports 1.8 V, 3.3 V, 5.0 V logic inputs
• Low-current sleep mode (2 μA)
• Spread spectrum clocking for low EMI
• Protection features
– VM undervoltage lockout (UVLO)
– Charge pump undervoltage (CPUV)
– Overcurrent protection (OCP)
– Thermal shutdown (OTSD)
– Fault condition output (nFAULT)

2 Applications
• Brushed DC Motors
• Printers and scanners
• ATMs and Textile Machines
• Major home appliances
• Vacuum, humanoid, and robotics
• Smart Meters

3 Description
The DRV8256E/P devices are single H-bridge motor
drivers for a wide variety of industrial applications.
The devices integrate an N-channel H-bridge, charge
pump regulator, current sensing and regulation, and
protection circuitry.
Integrated current sensing allows the driver to
regulate the motor inrush current during start up
and high load events. A current limit can be set
with an adjustable external voltage reference. The
integrated current sensing uses an internal current
mirror architecture, removing the need for a large
power shunt resistor, saving board area and reducing
system cost. A low-power sleep mode is provided to
achieve ultra-low quiescent current draw by shutting
down most of the internal circuitry.
Internal protection features are provided for
supply undervoltage lockout (UVLO), charge pump
undervoltage (CPUV), output overcurrent (OCP), and
device overtemperature (TSD). Fault conditions are
indicated on nFAULT.




Similar Part No. - DRV8256P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8256P TI-DRV8256P Datasheet
3Mb / 48P
DRV8256E/P H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
DRV8256PPWPR TI-DRV8256PPWPR Datasheet
3Mb / 48P
DRV8256E/P H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
DRV8256PRGER TI-DRV8256PRGER Datasheet
3Mb / 48P
DRV8256E/P H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
More results


Similar Description - DRV8256P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8874 TI1-DRV8874 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8874-Q1 TI1-DRV8874-Q1 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8436E TI1-DRV8436E Datasheet
1Mb / 40P
DRV8436E Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8424E TI1-DRV8424E Datasheet
2Mb / 43P
DRV8424E/P, DRV8425E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8426E TI1-DRV8426E Datasheet
1Mb / 42P
DRV8426E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8426E TI1-DRV8426E_V01 Datasheet
2Mb / 43P
DRV8426E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8428E TI1-DRV8428E Datasheet
1Mb / 46P
DRV8428E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8434E TI-DRV8434E Datasheet
3Mb / 48P
DRV8434E/P Dual H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
DRV8256 TI-DRV8256 Datasheet
3Mb / 48P
DRV8256E/P H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
DRV8845 TI-DRV8845 Datasheet
1Mb / 30P
DRV8845: 38 V, 1.5 A Quad H-Bridge Motor Driver with Smart Tune Technology
MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com