Electronic Components Datasheet Search
  English  ▼

X  

DRV110APWR Datasheet (PDF) - Texas Instruments

DRV110APWR Datasheet PDF - Texas Instruments
Part # DRV110APWR
Download  DRV110APWR Download
File Size   1360.93 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV110 120- and 230-V AC, 6- to 48-V DC Current Controller for Solenoids, Relays, and Valves

DRV110APWR Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV110APWR Datasheet PDF - Texas Instruments

Part # DRV110APWR
Download  DRV110APWR Click to download

File Size   1360.93 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV110 120- and 230-V AC, 6- to 48-V DC Current Controller for Solenoids, Relays, and Valves

DRV110APWR Datasheet (HTML) - Texas Instruments


DRV110APWR Product details

1 Features
1• Internal Zener Diode on Supply Pin for High-
Voltage Operation
– 120- and 230-V AC Supply Through Rectifier
and RS Resistor
– 24-V, 48-V, and Higher DC Supply Through RS
Resistor
• Drives an External MOSFET With PWM to Control
Solenoid Current
– External Sense Resistor for Regulating
Solenoid Current
• Fast Ramp-Up of Solenoid Current to Ensure
Activation
• Solenoid Current is Reduced in Hold Mode for
Lower Power and Thermal Dissipation
• Ramp Peak Current, Keep Time at Peak Current,
Hold Current, and PWM Clock Frequency Can Be
Set Externally. They Can Also Be Operated at
Nominal Values Without External Components.
• Protection
– Thermal Shutdown
– Undervoltage Lockout (UVLO)
• Optional STATUS Output
• Operating Temperature Range: –40ºC to +125ºC
• 8-Pin and 14-Pin TSSOP Package Options

2 Applications
• Electromechanical Drivers: Solenoids, Valves,
Relays, Contactors, Switchgear, Pneumatics
• White Goods, Solar, Transportation, Smart Grid,
Power Distribution

3 Description
The DRV110 device is a PWM current controller for
solenoids. The device is designed to regulate the
current with a well-controlled waveform to reduce
power dissipation. The solenoid current is ramped up
fast to ensure opening of the valve or relay. After
initial ramping, the solenoid current is kept at a peak
value to ensure correct operation, after which the
current is reduced to a lower hold level to avoid
thermal problems and reduce power dissipation.
The peak current duration is set with an external
capacitor. The peak and hold levels of the current
ramp, as well as the PWM frequency, can
independently be set with external resistors. External
setting resistors can also be omitted if the default
values for the corresponding parameters are suitable
for the application.
The DRV110 device has an internal Zener diode that
limits the supply at VIN to VZENER for applications that
require a higher supply voltage. Using the internal
Zener, the DRV110 can be powered from 120-V and
230-V AC supplies through a rectifier and currentlimiting
resistor. High DC voltages such as 48-V can
also be accommodated this way.




Similar Part No. - DRV110APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV110APWR TI-DRV110APWR Datasheet
785Kb / 17P
POWER SAVING SOLENOID CONTROLLER WITH INTEGRATED SUPPLY REGULATION
DRV110APWR TI1-DRV110APWR Datasheet
925Kb / 16P
POWER SAVING SOLENOID CONTROLLER WITH INTEGRATED SUPPLY REGULATION
DRV110APWR TI1-DRV110APWR Datasheet
1Mb / 24P
Power-Saving Solenoid Controller
More results


Similar Description - DRV110APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV103 TI-DRV103 Datasheet
446Kb / 14P
PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Burr-Brown (TI)
DRV104 BURR-BROWN-DRV104 Datasheet
350Kb / 18P
1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV103UG4 BURR-BROWN-DRV103UG4 Datasheet
1Mb / 24P
PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
ETAL Group
SMP21-L20-DC24V-10A ETAL-SMP21-L20-DC24V-10A Datasheet
416Kb / 6P
The devices switches over automatically when connected to AC 115 V AC and 230 V
SMP21-L20-DC24V-5A ETAL-SMP21-L20-DC24V-5A Datasheet
414Kb / 6P
The devices switches over automatically when connected to AC 115 V AC and 230 V
logo
Texas Instruments
DRV110A-Q1 TI1-DRV110A-Q1 Datasheet
831Kb / 21P
120- and 230-V AC, 6- to 48-V DC Current Controller for Solenoids, Relays, and Valves
logo
Schneider Electric
RSLZRA2 SCHNEIDER-RSLZRA2 Datasheet
140Kb / 4P
Harmony, Socket equipped with LED and protection circuit, for RSL1 relays, spring terminals, 48??0 V AC/DC
Aug 9, 2021
RSLZRA4 SCHNEIDER-RSLZRA4 Datasheet
140Kb / 4P
Harmony, Socket equipped with LED and protection circuit, for RSL1 relays, spring terminals, 230 V AC/DC
Aug 9, 2021
RSLZVA2 SCHNEIDER-RSLZVA2 Datasheet
137Kb / 4P
Harmony, Socket equipped with LED and protection circuit, for RSL1 relays, srew connector, 48??0 V AC/DC
Aug 9, 2021
RSLZVA4 SCHNEIDER-RSLZVA4 Datasheet
137Kb / 4P
Harmony, Socket equipped with LED and protection circuit, for RSL1 relays, srew connector, 230 V AC/DC
Aug 9, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com