Electronic Components Datasheet Search
  English  ▼

X  

DP83825IRMQRG4 Datasheet (PDF) - Texas Instruments

DP83825IRMQRG4 Datasheet PDF - Texas Instruments
Part # DP83825IRMQRG4
Download  DP83825IRMQRG4 Download
File Size   2579.14 Kbytes
Page   115 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver

DP83825IRMQRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP83825IRMQRG4 Datasheet PDF - Texas Instruments

Part # DP83825IRMQRG4
Download  DP83825IRMQRG4 Click to download

File Size   2579.14 Kbytes
Page   115 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver

DP83825IRMQRG4 Datasheet (HTML) - Texas Instruments


DP83825IRMQRG4 Product details

1 Features
• Ultra Small Form Factor 10/100Mbps PHY : QFN
3mm × 3mm, 24 pin
• Cable reach up to 150 meters
• Very low power consumption < 127mW
• Integrated MDI and MAC termination resistors
• Programmable energy saving modes
– Active sleep
– Deep power-down
– Energy Efficient Ethernet (EEE) IEEE 802.3az
– EEE support for legacy MAC
– Wake-on-LAN (WoL)
• Voltage mode line driver
• MAC interface : RMII (master and slave mode)
• Single 3.3V power supply
• I/O voltages: 1.8V and 3.3V
• Repeater : RMII back-to-back mode in unmanaged
mode
• MDC/MDIO Interface for configuration and status
• Fast link drop modes
• Diagnostics tools: cable diagnostics, built-in self
test (BIST), loopback modes
• Programmable Hardware interrupt pin
• Operating temperature range: –40°C to 85°C
• Compliant to IEEE 802.3 100BASE-TX and
10BASE-Te specification

2 Applications
• Building automation: IP camera, HMI
• Motor Drives
• Electronic point of sale
• Factory automation

3 Description
The DP83825I is an ultra small form factor, very
low power Ethernet Physical Layer transceiver with
integrated PMD sublayers to support 10BASE-Te,
100BASE-TX Ethernet protocols. The PHY supports
up to 150 meters reach over CAT5e cable. The
DP83825I interfaces directly to twisted pair media via
an external transformer.
The DP83825I also supports Energy Efficient
Ethernet, Wake-on-LAN and MAC isolation to further
lower the system power consumption. Energy Efficient
Mode can be enabled through register configuration
for legacy MACs not supporting EEE signaling over
MAC. DP83825I can operate in unmanaged repeater
mode. In this mode, DP83825I works as a repeater
without register configuration. The DP83825I offers
integrated cable diagnostic tools, built-in self-test and
loopback capabilities for ease of development and
debug.




Similar Part No. - DP83825IRMQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83825IRMQR TI1-DP83825IRMQR Datasheet
1Mb / 110P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825IRMQR TI-DP83825IRMQR Datasheet
1Mb / 110P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
More results


Similar Description - DP83825IRMQRG4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
logo
Texas Instruments
DP83822HF TI1-DP83822HF Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825I TI1-DP83825I_V01 Datasheet
1Mb / 110P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825I TI-DP83825I_V02 Datasheet
1Mb / 110P
DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com