Electronic Components Datasheet Search
  English  ▼

X  

DDC112U Datasheet (PDF) - Texas Instruments

DDC112U Datasheet PDF - Texas Instruments
Part # DDC112U
Download  DDC112U Download
File Size   867.68 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER

DDC112U Datasheet (PDF)

Go To PDF Page Download Datasheet
DDC112U Datasheet PDF - Texas Instruments

Part # DDC112U
Download  DDC112U Click to download

File Size   867.68 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER

DDC112U Datasheet (HTML) - Texas Instruments


DDC112U Product details

FEATURES
MONOLITHIC CHARGE MEASUREMENT A/D
CONVERTER
DIGITAL FILTER NOISE REDUCTION:
3.2ppm, rms
INTEGRAL LINEARITY:
±0.005% Reading ±0.5ppm FSR
HIGH PRECISION, TRUE INTEGRATING FUNCTION
PROGRAMMABLE FULL-SCALE
SINGLE SUPPLY
CASCADABLE OUTPUT

APPLICATIONS
DIRECT PHOTOSENSOR DIGITIZATION
CT SCANNER DAS
INFRARED PYROMETER
PRECISION PROCESS CONTROL
LIQUID/GAS CHROMATOGRAPHY
BLOOD ANALYSIS

DESCRIPTION
The DDC112 is a dual input, wide dynamic range, chargedigitizing
analog-to-digital (A/D) converter with 20-bit resolution.
Low-level current output devices, such as photosensors,
can be directly connected to its inputs. Charge integration is
continuous as each input uses two integrators; while one is
being digitized, the other is integrating.
For each of its two inputs, the DDC112 combines current-tovoltage
conversion, continuous integration, programmable
full-scale range, A/D conversion, and digital filtering to achieve
a precision, wide dynamic range digital result. In addition to
the internal programmable full-scale ranges, external integrating
capacitors allow an additional user-settable full-scale
range of up to 1000pC.
To provide single-supply operation, the internal A/D converter
utilizes a differential input, with the positive input tied to VREF.
When the integration capacitor is reset at the beginning of
each integration cycle, the capacitor charges to VREF. This
charge is removed in proportion to the input current. At the
end of the integration cycle, the remaining voltage is compared
to VREF.
The high-speed serial shift register which holds the result of
the last conversion can be configured to allow multiple DDC112
units to be cascaded, minimizing interconnections. The
DDC112 is available in an SO-28 or TQFP-32 package and is
offered in two performance grades.




Similar Part No. - DDC112U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC112U BURR-BROWN-DDC112U Datasheet
210Kb / 24P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112U TI-DDC112U Datasheet
1Mb / 34P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112U TI1-DDC112U Datasheet
1Mb / 34P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112U TI2-DDC112U Datasheet
867Kb / 37P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2004
DDC112U.B TI2-DDC112U.B Datasheet
867Kb / 37P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2004
More results


Similar Description - DDC112U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC112 BURR-BROWN-DDC112 Datasheet
210Kb / 24P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114 BURR-BROWN-DDC114 Datasheet
389Kb / 30P
Quad Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
Octal Current Input 20-Bit Analog-To-Digital Converter
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC112Y TI-DDC112Y Datasheet
1Mb / 34P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114 TI1-DDC114_14 Datasheet
1Mb / 37P
Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC112 TI1-DDC112_15 Datasheet
1Mb / 34P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC118 TI1-DDC118_16 Datasheet
1Mb / 36P
Octal Current Input, 20-Bit Analog-To-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com