Electronic Components Datasheet Search
  English  ▼

X  

ISO7821FDWW Datasheet (PDF) - Texas Instruments

ISO7821FDWW Datasheet PDF - Texas Instruments
Part # ISO7821FDWW
Download  ISO7821FDWW Download
File Size   1326.01 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator

ISO7821FDWW Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7821FDWW Datasheet PDF - Texas Instruments

Part # ISO7821FDWW
Download  ISO7821FDWW Click to download

File Size   1326.01 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator

ISO7821FDWW Datasheet (HTML) - Texas Instruments


ISO7821FDWW Product details

1 Features
• Signaling Rate: Up to 100Mbps
• Wide Supply Range: 2.25V to 5.5V
• 2.25V to 5.5V Level Translation
• Wide Temperature Range: –55°C to 125°C
• Low Power Consumption, Typical 1.8mA per
Channel at 1Mbps
• Low Propagation Delay: 11ns Typical
(5V Supplies)
• Industry leading CMTI(Min): ±100kV/μs
• Robust Electromagnetic Compatibility (EMC)
• System-Level ESD, EFT, and Surge Immunity
• Low Emissions
• Isolation Barrier Life: > 25 Years
• SOIC-16 Wide Body (DW) and Extra-Wide Body
(DWW) Package Options
• Safety and Regulatory Approvals:
– 8000VPK Reinforced Isolation per DIN V VDE V
0884-10 (VDE V 0884-10):2006-12
– 5.7kVRMS Isolation for 1 minute per UL 1577
– CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 60601-1 End Equipment
Standards
– CQC Certification per GB4943.1-2011
– TUV Certification per EN 61010-1 and EN
60950-1
– All DW Package Certifications Complete; DWW
Package Certifications Complete per UL, TUV
and Planned for VDE, CSA, and CQC

2 Applications
• Industrial Automation
• Motor Control
• Power Supplies
• Solar Inverters
• Medical Equipment
• Hybrid Electric Vehicles

3 Description
The ISO7821 is a high-performance, dual-channel
digital isolator with 8000VPK isolation voltage. This
device has reinforced isolation certifications according
to VDE, CSA, CQC, and TUV. The isolator provides
high electromagnetic immunity and low emissions
at low power consumption, while isolating CMOS
or LVCMOS digital I/Os. Each isolation channel
has a logic input and output buffer separated by
silicon dioxide (SiO2) insulation barrier. ISO7821 has
one forward and one reverse-direction channel. If
the input power or signal is lost, default output is
'high' for the ISO7821 and 'low' for the ISO7821F
device. Used in conjunction with isolated power
supplies, this device prevents noise currents on a
data bus or other circuits from entering the local
ground and interfering with or damaging sensitive
circuitry. Through innovative chip design and layout
techniques, electromagnetic compatibility of ISO7821
has been significantly enhanced to ease systemlevel
ESD, EFT, Surge and Emissions compliance.
ISO7821 is available in 16-pin SOIC wide-body (DW)
and extra-wide body (DWW) packages. The DWW
package option comes with enable pins which can be
used to put the respective outputs in high impedance
for multi-controller driving applications and to reduce
power consumption.




Similar Part No. - ISO7821FDWW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7821FDWW TI1-ISO7821FDWW Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821FDWWR TI1-ISO7821FDWWR Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
More results


Similar Description - ISO7821FDWW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
ISO7820 TI-ISO7820_15 Datasheet
1Mb / 28P
ISO7820 ISO7820F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7842 TI-ISO7842 Datasheet
1Mb / 37P
ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com