Electronic Components Datasheet Search
  English  ▼

X  

EVKT-MPQ4242 Datasheet (PDF) - Monolithic Power Systems

EVKT-MPQ4242 Datasheet PDF - Monolithic Power Systems
Part # EVKT-MPQ4242
Download  EVKT-MPQ4242 Download
File Size   1631.32 Kbytes
Page   60 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5A, 36V, Fully Integrated USB PD Solution with Integrated Buck-Boost Converter, AEC-Q100 Qualified

EVKT-MPQ4242 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVKT-MPQ4242 Datasheet PDF - Monolithic Power Systems

Part # EVKT-MPQ4242
Download  EVKT-MPQ4242 Click to download

File Size   1631.32 Kbytes
Page   60 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5A, 36V, Fully Integrated USB PD Solution with Integrated Buck-Boost Converter, AEC-Q100 Qualified

EVKT-MPQ4242 Datasheet (HTML) - Monolithic Power Systems


EVKT-MPQ4242 Product details

DESCRIPTION
The MPQ4242 is a fully integrated power delivery (PD) solution for USB Type-C sourcing ports. It integrates a buck-boost converter with four power switches and a USB PD controller. The device supports up to 5A of continuous output current (IOUT) under a certain input supply range.
The MPQ4242’s USB Type-C port supports USB PD revision 3.0 with PPS. It is backward compatible with DCP schemes for battery charging specification (BC1.2), 3A divider mode, and 1.2V/1.2V mode. The MPQ4242 also supports QC 2.0/3.0 and Huawei FCP mode.
The MPQ4242 provides a configurable PD power management state machine when the battery voltage (VBATT) is low, or if an overtemperature condition occurs. When two MPQ4242s are used as dual PD ports, the internal power sharing logic can effectively distribute the total power.
Fault condition protections include I/O pin short for the BUS and VIN pins, CC over-current protection (OCP), current limiting with hiccup mode, output over-voltage protection (OVP), and thermal shutdown.
The MPQ4242 requires a minimal number of readily available, standard external components. It is available in a QFN-22 (4mmx5mm) package.

FEATURES
• All-In-One USB PD Solution for Automotive Sourcing Ports
• Integrated 4-Switch Buck-Boost Converter
• Integrated PD 3.0 Controller
• Wide 4.8V to 36V Operating Input Voltage (VIN) Range
• 3.3V to 22.5V Output Voltage (VOUT) Range
• Accurate Output CC Current Limit: ±5%
• External High-Side MOSFET (HS-FET) can be Paralleled
• Low IQ when USB Type-C is Disconnected
• 250kHz / 420kHz Configurable Frequency with Spread Spectrum
• Supports USB Type-C V2.0
• Supports USB PD R3.0, V2.0, and PPS with 7 PDO List
• Supports QC 3.0 Specification, Huawei FCP
• Supports DCP Schemes for BC1.2, 3A Divider Mode, and 1.2V/1.2V Mode
• CCx, DP, and DM Short to VBUS / VBATT Protection
• Battery Short to Ground Protection Driver
• I2C Slave Interface
• Output Line Drop Compensation
• Configurable PD Power Management during Low Battery Voltages or High Temperatures
• Supports Dual-Port PD Power Sharing
• PWM Duty Cycle Configurable LED Driver
• Up to 120 Minutes for EN Off Delay
• Available in a QFN-22 (4mmx5mm) Package with Wettable Flanks
• Available in AEC-Q100 Grade 1

APPLICATIONS
• USB Power Delivery Charging Ports
• USB Power Supplies




Similar Part No. - EVKT-MPQ4242

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EVKT-MPQ4210 MPS-EVKT-MPQ4210 Datasheet
4Mb / 38P
40V, 100W Synchronous 40V, 100W Synchronous Current Monitor, AEC-Q100 Qualified
7/12/2019 Rev. 1.1
More results


Similar Description - EVKT-MPQ4242

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4462 MPS-MPQ4462 Datasheet
620Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4470 MPS-MPQ4470 Datasheet
805Kb / 20P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4570 MPS-MPQ4570 Datasheet
690Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
MPM3515 MPS-MPM3515 Datasheet
1Mb / 22P
36V, 1.5A Module, Synchronous, Step-Down Converter with an Integrated Inductor AEC-Q100 Qualified
MPQ2451-5-AEC1 MPS-MPQ2451-5-AEC1 Datasheet
1Mb / 18P
36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com