Electronic Components Datasheet Search
  English  ▼

X  

DRV8210DSG Datasheet (PDF) - Texas Instruments

DRV8210DSG Datasheet PDF - Texas Instruments
Part # DRV8210DSG
Download  DRV8210DSG Download
File Size   4243.85 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8210 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode

DRV8210DSG Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8210DSG Datasheet PDF - Texas Instruments

Part # DRV8210DSG
Download  DRV8210DSG Click to download

File Size   4243.85 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8210 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode

DRV8210DSG Datasheet (HTML) - Texas Instruments


DRV8210DSG Product details

1 Features
• N-channel H-bridge motor driver
– MOSFET on-resistance: HS + LS 1 Ω
– Drives one bidirectional brushed DC motor
– Two unidirectional brushed DC motors
– One single- or dual-coil latching relay
– Push-pull and bistable solenoids
– Other resistive, inductive, or LED loads
• 1.65-V to 11-V operating supply voltage range
• High output current capability:
– Full-bridge: 1.76-A peak
– Half-bridge: 1.76-A peak per output
– Parallel half-bridge: 3.52-A peak
• Multiple interfaces for flexibility and reduced GPIO
• Standard PWM Interface (IN1/IN2)
• Supports 1.8-V, 3.3-V, and 5-V logic inputs
• Ultra low-power sleep mode
– <84.5 nA @ VVM = 5 V, VVCC = 3.3 V, TJ = 25°C
– Timed autosleep mode to reduce GPIO
• Protection features
– Undervoltage lockout (UVLO)
– Overcurrent protection (OCP)
– Thermal shutdown (TSD)
• Family of devices. See Device Comparison for
details.
– DRV8210: 1.65-11 V, 1 Ω, multiple interfaces
– DRV8210P: Sleep pin, PWM interface
– DRV8212: 1.65-11 V, 280 mΩ, multiple
interfaces
– DRV8212P: Sleep pin, PWM interface
– DRV8220: 4.5-18 V, 1 Ω, multiple interfaces

2 Applications
• Brushed DC motor, solenoid, & relay driving
• Water, gas, & electricity meters
• IP network camera IR cut filter
• Video doorbell
• Machine vision camera
• Electronic smart lock
• Electronic and robotic toys
• Blood pressure monitors
• Infusion pumps
• Electric toothbrush
• Beauty & grooming

3 Description
The DRV8210 is an integrated motor driver with
four N-channel power FETs, charge pump regulator,
and protection circuitry. The tripler charge pump
architecture allows the device to operate down to 1.65
V to accommodate 1.8-V supply rails and low-battery
conditions. The charge pump integrates all capacitors
to reduce the overall solution size of the motor driver
on a PCB and allows for 100% duty cycle operation.
The DRV8210 supports multiple control interface
modes including: PWM (IN1/IN2), phase/enable (PH/
EN), independent half-bridge, and parallel half-bridge.
Each interface supports a low-power sleep mode to
achieve ultra-low quiescent current draw by shutting
down most of the internal circuitry.
The device can supply up to 1.76-A peak output
current. It operates with a supply voltage from 1.65
V to 5.5 V.
The driver offers robust internal protection features
include supply undervoltage lockout (UVLO), output
overcurrent (OCP), and device overtemperature
(TSD).
The DRV8210 is part of a family of devices which
come in pin-to-pin scalable RDS(on) and supply voltage
options to support various loads and supply rails with
minimal design changes. See Device Comparison for
information on the devices in this family. View our full
portfolio of brushed motor drivers on ti.com.




Similar Part No. - DRV8210DSG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8210DSG TI-DRV8210DSG Datasheet
3Mb / 39P
DRV8210 11V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8210DSG TI-DRV8210DSG Datasheet
4Mb / 48P
DRV8210 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8210DSG TI-DRV8210DSG Datasheet
4Mb / 51P
DRV8210 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
REVISED AUGUST 2021
DRV8210DSGR TI-DRV8210DSGR Datasheet
3Mb / 39P
DRV8210 11V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8210DSGR TI-DRV8210DSGR Datasheet
4Mb / 48P
DRV8210 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
More results


Similar Description - DRV8210DSG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8210 TI-DRV8210 Datasheet
3Mb / 39P
DRV8210 11V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8220 TI-DRV8220 Datasheet
2Mb / 34P
DRV8220 18-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8210 TI-DRV8210_V01 Datasheet
4Mb / 48P
DRV8210 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8220 TI-DRV8220_V01 Datasheet
3Mb / 38P
DRV8220 18-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8212 TI-DRV8212 Datasheet
2Mb / 35P
DRV8212 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8212 TI-DRV8212_V01 Datasheet
3Mb / 48P
DRV8212 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8212 TI-DRV8212_V02 Datasheet
3Mb / 48P
DRV8212 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
DRV8210 TI-DRV8210_V02 Datasheet
4Mb / 51P
DRV8210 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
REVISED AUGUST 2021
DRV8212 TI-DRV8212_V03 Datasheet
4Mb / 49P
DRV8212 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
REVISED AUGUST 2021
DRV8220 TI-DRV8220_V02 Datasheet
4Mb / 47P
DRV8220 18-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
REVISED AUGUST 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com