Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP1204 Datasheet (PDF) - Texas Instruments

CDCLVP1204 Datasheet PDF - Texas Instruments
Part # CDCLVP1204
Download  CDCLVP1204 Download
File Size   904.4 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVP1204 Four LVPECL Output, High-Performance Clock Buffer

CDCLVP1204 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVP1204 Datasheet PDF - Texas Instruments

Part # CDCLVP1204
Download  CDCLVP1204 Click to download

File Size   904.4 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVP1204 Four LVPECL Output, High-Performance Clock Buffer

CDCLVP1204 Datasheet (HTML) - Texas Instruments


CDCLVP1204 Product details

1 Features
1• 2:4 Differential Buffer
• Selectable Clock Inputs Through Control Terminal
• Universal Inputs Accept LVPECL, LVDS, and
LVCMOS/LVTTL
• Four LVPECL Outputs
• Maximum Clock Frequency: 2 GHz
• Maximum Core Current Consumption: 45 mA
• Very Low Additive Jitter: <100 fs, RMS in 10-kHz
to 20-MHz Offset Range:
– 57 fs, RMS (typical) at 122.88 MHz
– 48 fs, RMS (typical) at 156.25 MHz
– 30 fs, RMS (typical) at 312.5 MHz
• 2.375-V to 3.6-V Device Power Supply
• Maximum Propagation Delay: 450 ps
• Maximum Output Skew: 15 ps
• LVPECL Reference Voltage, VAC_REF, Available
for Capacitive-Coupled Inputs
• Industrial Temperature Range: –40°C to +85°C
• Supports 105°C PCB Temperature (Measured at
Thermal Pad)
• ESD Protection Exceeds 2 kV (HBM)

2 Applications
• Wireless Communications
• Telecommunications/Networking
• Medical Imaging
• Test and Measurement Equipment

3 Description
The CDCLVP1204 is a highly versatile, low additive
jitter buffer that can generate four copies of LVPECL clock outputs from one of two selectable LVPECL,
LVDS, or LVCMOS inputs for a variety of
communication applications. It has a maximum clock
frequency up to 2 GHz. The CDCLVP1204 features
an on-chip multiplexer (MUX) for selecting one of two inputs that can be easily configured solely through a
control terminal. The overall additive jitter
performance is less than 0.1 ps, RMS from 10 kHz to
20 MHz, and overall output skew is as low as 15 ps,
making the device a perfect choice for use in demanding applications.
The CDCLVP1204 clock buffer distributes one of two selectable clock inputs (IN0, IN1) to four pairs of
differential LVPECL clock outputs (OUT0, OUT3) with
minimum skew for clock distribution. The
CDCLVP1204 can accept two clock sources into an input multiplexer. The inputs can be LVPECL, LVDS,
or LVCMOS/LVTTL.
The CDCLVP1204 is specifically designed for driving 50-Ω transmission lines. When driving the inputs in
single-ended mode, the LVPECL bias voltage
(VAC_REF) must be applied to the unused negative
input terminal. However, for high-speed performance
up to 2 GHz, differential mode is strongly
recommended.
The CDCLVP1204 is characterized for operation from
–40°C to +85°C.




Similar Part No. - CDCLVP1204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI2-CDCLVP1204 Datasheet
863Kb / 30P
CDCLVP1204 Four LVPECL Output, High-Performance Clock Buffer
REVISED SEPTEMBER 2015
CDCLVP1204RGTR TI-CDCLVP1204RGTR Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTR TI1-CDCLVP1204RGTR Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTR TI2-CDCLVP1204RGTR Datasheet
863Kb / 30P
CDCLVP1204 Four LVPECL Output, High-Performance Clock Buffer
REVISED SEPTEMBER 2015
More results


Similar Description - CDCLVP1204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102 Datasheet
756Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
16-LVPECL Output, High-Performance Clock Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com