Electronic Components Datasheet Search
  English  ▼

X  

AOD510 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

AOD510 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # AOD510
Download  AOD510 Download
File Size   941.66 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode Power MOSFET

AOD510 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD510 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # AOD510
Download  AOD510 Click to download

File Size   941.66 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode Power MOSFET

AOD510 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


AOD510 Product details

General Features

© Vos =30Vio =140A
Ros <3.0m0 @ Vos=10V
Ros <3.6m @ Vos=4.5V




Similar Part No. - AOD510

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD510 AOSMD-AOD510 Datasheet
316Kb / 6P
30V N-Channel AlphaMOS
logo
Inchange Semiconductor ...
AOD510 ISC-AOD510 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD510 DOINGTER-AOD510 Datasheet
1Mb / 7P
N-Channel MOSFET uses advanced SGT technology
More results


Similar Description - AOD510

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com