Electronic Components Datasheet Search
  English  ▼

X  

RAA214223 Datasheet (PDF) - Renesas Technology Corp

RAA214223 Datasheet PDF - Renesas Technology Corp
Part # RAA214223
Download  RAA214223 Download
File Size   514.39 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 150mA 20V Wide Input Voltage Range LDO Linear Regulator with 3.3V Fixed Output

RAA214223 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA214223 Datasheet PDF - Renesas Technology Corp

Part # RAA214223
Download  RAA214223 Click to download

File Size   514.39 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 150mA 20V Wide Input Voltage Range LDO Linear Regulator with 3.3V Fixed Output

RAA214223 Datasheet (HTML) - Renesas Technology Corp


RAA214223 Product details

▪ Wide input voltage range 4V to 20V
▪ Output current up to 150mA
▪ Low 3.6μA shutdown current
▪ Accurate output voltage (-1.75% / +2.5%
over-temperature)
▪ Low dropout voltage: 240mV typical at 150mA load
▪ Excellent line and load regulation
▪ Stable with 1μF minimum MLCC output capacitor
▪ Integrated fault protections including thermal
shutdown and current limit
▪ Available in the compact and cost effective
TSOT23 package




Similar Part No. - RAA214223

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA214220 RENESAS-RAA214220 Datasheet
931Kb / 24P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
May 12, 2021
RAA214220 RENESAS-RAA214220 Datasheet
1Mb / 14P
150mA 20V Wide Input Voltage Range LDO Linear Regulator
Jan 8, 2024
RAA2142204GP3#JA0 RENESAS-RAA2142204GP3#JA0 Datasheet
1Mb / 14P
150mA 20V Wide Input Voltage Range LDO Linear Regulator
Jan 8, 2024
More results


Similar Description - RAA214223

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
logo
RICOH electronics devic...
R1154 RICOH-R1154 Datasheet
309Kb / 22P
150mA Voltage Regulator (Wide Input Voltage Range)
April 1, 2012
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com