Electronic Components Datasheet Search
  English  ▼

X  

TPS51219 Datasheet (PDF) - Texas Instruments

TPS51219 Datasheet PDF - Texas Instruments
Part # TPS51219
Download  TPS51219 Download
File Size   1260.65 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback

TPS51219 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51219 Datasheet PDF - Texas Instruments

Part # TPS51219
Download  TPS51219 Click to download

File Size   1260.65 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback

TPS51219 Datasheet (HTML) - Texas Instruments


TPS51219 Product details

1FEATURES
23• Differential Voltage Feedback
• DC Compensation for Accurate Regulation
• Wide Input Voltage Range: 3 V to 28 V
• Output Voltage Range: 0.5 V to 2.0 V with
Fixed Options of 1.05 V and 1.00 V
• Wide Output Load Range: 0 A to 20 A+
• Adaptive On-Time Modulation with Selectable
Control Architecture and Frequency
– D-CAP™ Mode at 300 kHz/400 kHz for Fast
Transient Response
– D-CAP2™ Mode at 500 kHz/670 kHz for
Ceramic Output Capacitor
• 4700 ppm/°C, Low-Side RDS(on) Current Sensing
• RSENSE Accurate Current Sense Option
• Internal, 1-ms Voltage Servo Softstart
• Built-In Output Discharge
• Power Good Output
• Integrated Boost Switch
• Built-In OVP/UVP/OCP
• Thermal Shutdown (Non-latched)
• 3 mm × 3 mm, 16-Pin, QFN (RTE) Package

APPLICATIONS
• Notebook Computers
• I/O Supplies

DESCRIPTION
The TPS51219 is a small-sized single buck controller
with adaptive on-time control. It provides a choice of
control modes (D-CAP™ or D-CAP2™) to meet a
wide range of system requirements. It is designed for
tight DC regulation requirements such as the VCCIO
application for Intel® notebooks. The performance
and flexibility of the TPS51219 makes it suitable for
low output voltage, high current, PC system power
rails and similar point-of-load (POL) power supplies.
Differential voltage feedback and the voltage
compensation function combine to provide high
precision power to load devices.
A small package, fixed voltage options and minimal
external component count saves cost and space,
while a dedicated EN pin and pre-set frequency
selections minimize design effort. The skip-mode at
light load condition, strong gate drivers, and low-side
FET RDS(on) current sensing provides high efficiency
operation over a broad load range. The external resistor current sense option enables accurate
current sensing. The conversion input voltage (the
high-side FET drain voltage) ranges from 3 V to 28 V
and output voltage ranges from 0.5 V to 2.0 V. The
device requires an external 5-V supply.
The TPS51219 is available in a 16-pin, QFN package and is specified for ambient temperature from -40°C
to 85°C.




Similar Part No. - TPS51219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51219 TI1-TPS51219 Datasheet
945Kb / 36P
High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219 Datasheet
1Mb / 38P
High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219RTER TI1-TPS51219RTER Datasheet
945Kb / 36P
High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219RTET TI1-TPS51219RTET Datasheet
945Kb / 36P
High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
More results


Similar Description - TPS51219

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS51219 TI1-TPS51219 Datasheet
945Kb / 36P
High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
High Voltage Synchronous Step-Down Controller
logo
Texas Instruments
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
High Performance, Single Synchronous Step-Down Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com