Electronic Components Datasheet Search
  English  ▼

X  

DRV8880RHRT Datasheet (PDF) - Texas Instruments

DRV8880RHRT Datasheet PDF - Texas Instruments
Part # DRV8880RHRT
Download  DRV8880RHRT Download
File Size   2304.34 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8880 2-A Stepper Motor Driver With Smart Tune

DRV8880RHRT Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8880RHRT Datasheet PDF - Texas Instruments

Part # DRV8880RHRT
Download  DRV8880RHRT Click to download

File Size   2304.34 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8880 2-A Stepper Motor Driver With Smart Tune

DRV8880RHRT Datasheet (HTML) - Texas Instruments


DRV8880RHRT Product details

1 Features
1• Microstepping Stepper Motor Driver
– STEP/DIR Interface
– Up to 1/16 Microstepping Indexer
– Non-Circular and Standard ½ Step Modes
• 6.5- to 45-V Operating Supply Voltage Range
• Multiple Decay Modes to Support Any Motor
– Smart tune
– Mixed Decay
– Slow Decay
– Fast Decay
• Adaptive Blanking Time for Smooth Stepping
• Configurable Off-Time PWM Chopping
– 10-, 20-, or 30-μs Off-Time
• 3.3-V, 10-mA LDO Regulator
• Low-Current Sleep Mode (28 μA)
• Small Package and Footprint
– 28 HTSSOP (PowerPAD™)
– 28 WQFN
• Protection Features
– VM Undervoltage Lockout (UVLO2)
– Logic Undervoltage (UVLO1)
– Charge Pump Undervoltage (CPUV)
– Overcurrent Protection (OCP)
– Latched OCP Mode
– Retry OCP Mode
– Thermal Shutdown (TSD)
– Fault Condition Indication Pin (nFAULT)

2 Applications
• Automatic Teller and Money Handling Machines
• Video Security Cameras
• Multi-Function Printers and Document Scanners
• 3D Printers
• Office Automation Machines
• Factory Automation and Robotics

3 Description
The DRV8880 is a bipolar stepper motor driver for
industrial applications. The device has two N-channel
power MOSFET H-bridge drivers and a microstepping
indexer. The DRV8880 is capable of driving 2.0 A fullscale
current or 1.4-A rms current (with proper PCB
ground plane for thermal dissipation and at 24 V and
TA = 25°C).
Smart tune automatically tunes stepper motors for
optimal current regulation performance and
compensates for motor variation and aging effects.
Additionally slow, fast, and mixed decay modes are
available.
The STEP/DIR pins provide a simple control
interface. The device can be configured in full-step up
to 1/16- step modes. A low-power sleep mode is
provided for very low quiescent current standby using
a dedicated nSLEEP pin.
Internal protection functions are provided for
undervoltage, charge pump faults, overcurrent, shortcircuits,
and overtemperature. Fault conditions are
indicated by a nFAULT pin.




Similar Part No. - DRV8880RHRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8880RHRT TI1-DRV8880RHRT Datasheet
1Mb / 48P
Stepper Motor Driver With AutoTune
More results


Similar Description - DRV8880RHRT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
Siemens Semiconductor G...
TLE5250 SIEMENS-TLE5250 Datasheet
142Kb / 22P
2.5-A High Performance Smart Power Stepper-Motor Driver with Diagnostic Interface
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
2-Phase Stepper Motor Driver
logo
Texas Instruments
DRV8880 TI-DRV8880_15 Datasheet
1Mb / 48P
DRV8880 2-A Stepper Motor Driver With AutoTune?
logo
ON Semiconductor
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
2-phase Stepper Motor Driver
January, 2014 Ver. 2
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
logo
Texas Instruments
DRV8886 TI1-DRV8886 Datasheet
1Mb / 39P
2-A Stepper Motor Driver With Integrated Current Sense
DRV8886 TI1-DRV8886_18 Datasheet
2Mb / 45P
2-A Stepper Motor Driver With Integrated Current Sense
DRV8845 TI-DRV8845 Datasheet
1Mb / 30P
DRV8845: 38 V, 1.5 A Quad H-Bridge Motor Driver with Smart Tune Technology
MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com