Electronic Components Datasheet Search
  English  ▼

X  

DRV8860PW Datasheet (PDF) - Texas Instruments

DRV8860PW Datasheet PDF - Texas Instruments
Part # DRV8860PW
Download  DRV8860PW Download
File Size   1619.93 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver

DRV8860PW Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8860PW Datasheet PDF - Texas Instruments

Part # DRV8860PW
Download  DRV8860PW Click to download

File Size   1619.93 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver

DRV8860PW Datasheet (HTML) - Texas Instruments


DRV8860PW Product details

1 Features
1• 8-Channel Protected Low-side Driver
– Eight NMOS FETs with Overcurrent Protection
– Integrated Inductive Catch Diodes
– Serial Interface
– Open/Short Load Detection (DRV8860 only)
– Configurable 100% Output Timing
– Configurable PWM Duty Cycle
• Continuous Current Driving Capability
– 560 mA (Single Channel on) PW and PWP
– 200 mA (8 Channels on) PW
– 330 mA (8 Channels on) PWP
– Support Parallel Configuration
• 8 V to 38 V Supply Voltage Range PWM•
Input Digital Noise Filter for Noise Immunity
• Internal Data Read Back Capability for Reliable
Control
• Protection and Diagnostic Features
– Overcurrent Protection (OCP)
– Open Load Detection (OL)
– Overtemperature Shutdown (OTS)
– Undervoltage Lockout (UVLO)
– Individual Channel Status Report
– Fault Condition Alarm

2 Applications
• Relays, Unipolar Stepper Motors
• Solenoids, Electromagnetic Drivers
• General Low-side Switch Applications
• LED driver with dimmer functionality (DRV8860A)

3 Description
The DRV8860 provides an 8-channel low side driver
with overcurrent protection and open/shorted load detection. It has built-in diodes to clamp turn-off
transients generated by inductive loads, and can be
used to drive unipolar stepper motors, DC motors,
relays, solenoids, or other loads.
The PWP package can supply up to 330 mA × 8
channel and The PW package can supply up to 200 mA × 8 channel continuous output current. A single
channel can deliver up to 560 mA continuous output
current.
A serial interface is provided to control the DRV8860
output drivers, configure internal setting register and
read the fault status of each channel. DRV8860 devices can be daisy-chained together to use a single
serial interface. Energizing-time and holding-PWM•
Duty cycles are configurable through serial interface
as well. These functions allow for cooler running than
always-on solutions.
Internal shutdown functions are provided for
overcurrent protection, short-circuit protection,
undervoltage lockout, and overtemperature.
DRV8860A does not include open load detection.
Fault information for each channel can be read out
through serial interface and indicated by an external fault pin.




Similar Part No. - DRV8860PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8860PW TI1-DRV8860PW Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
DRV8860PW TI1-DRV8860PW Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
DRV8860PW TI1-DRV8860PW Datasheet
1Mb / 41P
8-Channel Serial Interface Low-Side Driver
DRV8860PWPR TI1-DRV8860PWPR Datasheet
1Mb / 41P
8-Channel Serial Interface Low-Side Driver
DRV8860PWR TI1-DRV8860PWR Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
More results


Similar Description - DRV8860PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
Low side driver (8 channel, serial interface)
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
Low side driver (8 channel, parallel interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
Quad Serial Interface Low-Side Driver IC
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
8-Channel Serial Interface Low-Side Driver
logo
Monolithic Power System...
MP6606 MPS-MP6606 Datasheet
565Kb / 16P
60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
Rev. 1.0 3/11/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com