Electronic Components Datasheet Search
  English  ▼

X  

DRV8411 Datasheet (PDF) - Texas Instruments

DRV8411 Datasheet PDF - Texas Instruments
Part # DRV8411
Download  DRV8411 Download
File Size   1651.36 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8421 18V 2A Dual H-Bridge Stepper Driver

DRV8411 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8411 Datasheet PDF - Texas Instruments

Part # DRV8411
Download  DRV8411 Click to download

File Size   1651.36 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8421 18V 2A Dual H-Bridge Stepper Driver

DRV8411 Datasheet (HTML) - Texas Instruments


DRV8411 Product details

1 Features
• Dual H-Bridge Motor Driver
– Single/Dual Brushed DC
– Stepper
– Solenoids
• 4 to 18V Operating Supply Voltage Range
• Low ON-resistance: HS + LS = 900mΩ (Typical,
25°C)
• High Output Current per H-Bridge
– 2A Maximum Driver Current at 12V and TA =
25°C
– Parallel Mode Available Capable of 4A
Maximum Driver Current at 12V and TA = 25°C
• Device versions:
– DRV8421A (4-wire input): Independent Half
Bridge Control
– DRV8421B (2-wire input): Sleep Mode, Fault
detect
• Similar LV Stepper Drivers:
– DRV8410: 1.65 to 11V (800mΩ RDS(ON))
– DRV8411: 1.65 to 11V (400mΩ RDS(ON))
– DRV8411A: 1.65 to 11V (400mΩ RDS(ON))
• PWM Control Interface
• Low-Current 3μA Sleep Mode (2-wire input version
only)
• Thermally-Enhanced Surface Mount Package
• Protection Features
– VM Undervoltage Lockout (UVLO)
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– Fault Condition Indication Pin (nFAULT) (2-wire
input version only)

2 Applications
• Household Appliances
– Printers/Scanners
– Refrigerators
– Vacuum Cleaners
– Clothes Dryer
• General Brushed and Stepper Motors

3 Description
The DRV8421 provides a dual H-bridge motor
driver for home appliances and other mechatronic
applications. The device can be used to drive one
or two DC motors, a bipolar stepper motor, or other
loads. A simple PWM interface allows easy interfacing
to controller circuits.
The output block of each H-bridge driver consists
of N-channel power MOSFETs configured as full Hbridges
to drive the motor windings. The DRV8421
is capable of driving a maximum current of 2A from
each output or 4A in parallel mode (with proper heat
sinking, at 12V and TA = 25°C).
The device contains two versions having a 4-wire
input (DRV8421A) or a 2-wire input (DRV8421B). The
2-wire input version (DRV8421B) contains features
like enable and fault detection, while the 4-wire input
version (DRV8421A) can drive four half bridges based
on signals to four input terminals. A low-power sleep
mode is also provided for the 2-wire input version.
It shuts down internal circuitry to achieve very-low
quiescent current draw. This sleep mode can be set
by pulling the enable pin low.
Internal protection functions are provided for UVLO,
OCP, short-circuit protection, and overtemperature.
Fault conditions are indicated by a nFAULT pin in the
DRV8421B, the 2-wire input device.




Similar Part No. - DRV8411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8411 TI-DRV8411 Datasheet
1Mb / 45P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8411 TI-DRV8411 Datasheet
1Mb / 45P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8411 TI-DRV8411 Datasheet
2Mb / 54P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8411 TI-DRV8411 Datasheet
2Mb / 54P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8411 TI-DRV8411 Datasheet
2Mb / 61P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
REVISED DECEMBER 2022
More results


Similar Description - DRV8411

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3717A CHERRY-CS3717A Datasheet
168Kb / 8P
1A H-Bridge Stepper Motor Driver
Rev. 4/29/99
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
2A H-Bridge Driver
Rev. 5/4/99
logo
Asahi Kasei Microsystem...
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
18V Dual H-Bridge Motor Driver IC
AP1013CEN AKM-AP1013CEN Datasheet
539Kb / 15P
18V 1ch H-Bridge Motor Driver IC
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
18V 1ch H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8846 TI-DRV8846_15 Datasheet
1Mb / 35P
DRV8846 Dual H-Bridge Stepper Motor Driver
logo
ON Semiconductor
CS3717A ONSEMI-CS3717A Datasheet
75Kb / 8P
1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Asahi Kasei Microsystem...
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
18V 2ch H-Bridge Motor Driver IC
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
18V Dual H-Bridge Motor Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com