Electronic Components Datasheet Search
  English  ▼

X  

KP466 Datasheet (PDF) - Infineon Technologies AG

KP466 Datasheet PDF - Infineon Technologies AG
Part # KP466
Download  KP466 Download
File Size   2927.25 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description XENSIV™ digital absolute pressure sensor

KP466 Datasheet (PDF)

Go To PDF Page Download Datasheet
KP466 Datasheet PDF - Infineon Technologies AG

Part # KP466
Download  KP466 Click to download

File Size   2927.25 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description XENSIV™ digital absolute pressure sensor

KP466 Datasheet (HTML) - Infineon Technologies AG


KP466 Product details

Features
• High accuracy pressure sensing (±1.0 kPa), pressure range 60 to 165 kPa
• Operating ambient temperature range -40°C to 125°C
• Best in class low power consumption with dedicated power-down mode for energy saving
• 10-, 12- or 14-bit resolution pressure and temperature values via SPI Interface
• Integrated signal path diagnosis features
• Green, small 4.5 mm x 5.1 mm 8-pin DFN package

Potential applications
• Automotive barometric air pressure sensor (BAP)
• Automotive manifold air flow sensor (MAF)
• Automotive battery monitoring system (BMS)
• Automotive seat comfort system
• Industrial control
• Weather stations
• Altimeters




Similar Part No. - KP466

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP466P INFINEON-KP466P Datasheet
2Mb / 37P
XENSIV™ digital absolute pressure sensor
Rev. 1.0.0 2023.05.15
KP466PXTMA1 INFINEON-KP466PXTMA1 Datasheet
2Mb / 37P
XENSIV™ digital absolute pressure sensor
Rev. 1.0.0 2023.05.15
More results


Similar Description - KP466

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCP1000 VTI-SCP1000 Datasheet
287Kb / 7P
ABSOLUTE PRESSURE SENSOR
logo
Infineon Technologies A...
KP123 INFINEON-KP123 Datasheet
722Kb / 24P
Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP124 INFINEON-KP124 Datasheet
727Kb / 24P
Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP125 INFINEON-KP125 Datasheet
729Kb / 24P
Absolute Pressure Sensor
Rev 2.14, 2007-11-23
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
Absolute Pressure Sensor
Rev 1.01, 2007-11-23
KP126N6165 INFINEON-KP126N6165 Datasheet
778Kb / 24P
Absolute Pressure Sensor
November 2007 Rev 1.02
KP253 INFINEON-KP253 Datasheet
1Mb / 29P
Digital Absolute Pressure Sensor
Revision 1.1, 2015-07-29
logo
Melexis Microelectronic...
MLX90818 MELEXIS-MLX90818 Datasheet
1Mb / 37P
Absolute Pressure Sensor
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
Absolute Pressure Sensor
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
Absolute Pressure Sensor
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com