Electronic Components Datasheet Search
  English  ▼

X  

STM32WL33CBV6TR Datasheet (PDF) - STMicroelectronics

STM32WL33CBV6TR Datasheet PDF - STMicroelectronics
Part # STM32WL33CBV6TR
Download  STM32WL33CBV6TR Download
File Size   4280.03 Kbytes
Page   91 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM

STM32WL33CBV6TR Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32WL33CBV6TR Datasheet PDF - STMicroelectronics

Part # STM32WL33CBV6TR
Download  STM32WL33CBV6TR Click to download

File Size   4280.03 Kbytes
Page   91 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM

STM32WL33CBV6TR Datasheet (HTML) - STMicroelectronics


STM32WL33CBV6TR Product details

Features
■ Includes ST state-of-the-art patented technology
■ Ultra-low power sub-1GHz wireless system-on-chip
■ Programmable MCU – Core: Arm® Cortex®-M0+ 32-bit, running up to 64 MHz – Program memory: 64-Kbyte / 128-Kbyte / 256-Kbyte flash memory – Data memory: 16-Kbyte / 32-Kbyte SRAM (full retention) – Additional storage: 1-Kbyte OTP (user data)
■ Radio – Frequency bands: 159-185 MHz, 413-479 MHz, 826-958 MHz – Air data rate from 0.1 to 600 kbit/s – Programmable TX power up to +20dBm – RX sensitivity @ 1% BER: ◦ -132 dBm @300 bit/s 433 MHz OOK ◦ -128 dBm @300 bit/s 868 MHz 2(G)FSK ◦ -112 dBm @38.4 bit/s 868 MHz 2(G)FSK – Modulation schemes: ◦ 2(G)FSK, 2(G)MSK, 4(G)FSK ◦ OOK, ASK ◦ D-BPSK ◦ DSSS (direct sequence spread spectrum) ◦ I/Q channels data access ◦ Compatible with proprietary and standardized wireless protocols (W-MBUS, Sigfox, Mioty, KNX-RF, IEEE 802.15.4g, others) – Suitable for worldwide certifications: ◦ Europe: ETSI EN 300 220, category 1 compliant, ETSI EN 303 131 ◦ US: FCC part 15 and part 90 ◦ Japan: ARIB STD T67, T108 – Fully-configurable hardware sequencer for autonomous radio operations (Sniff mode, Frequency hopping, Low Duty Cycle mode, Listen before talk)
■ Wakeup radio receiver – Low power autonomous wakeup receiver (LPAWUR), featuring: ◦ OOK data receiver channel ◦ Sensitivity: -50 dBm ◦ Current consumption: 4 µA in always-on autonomous mode VFQFPN48 (6 x 6 mm) VFQFPN32 (5 x 5 mm) Product summary Reference Part number STM32WL33xx STM32WL33C8 STM32WL33CB STM32WL33CC STM32WL33K8 STM32WL33KB STM32WL33KC Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0+ 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM STM32WL33xx Datasheet DS14221 - Rev 5 - November 2024 For further information contact your local STMicroelectronics sales office.




Similar Part No. - STM32WL33CBV6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WL33CCV6 STMICROELECTRONICS-STM32WL33CCV6 Datasheet
363Kb / 6P
STM32WL3x Nucleo-64 boards
20-Nov-2024
More results


Similar Description - STM32WL33CBV6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F372XX STMICROELECTRONICS-STM32F372XX Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
21-Dec-2012
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
STMicroelectronics
STM32WL55JC STMICROELECTRONICS-STM32WL55JC Datasheet
2Mb / 145P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 1
STM32WL55CC STMICROELECTRONICS-STM32WL55CC Datasheet
2Mb / 145P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 1
STM32WLE4JC STMICROELECTRONICS-STM32WLE4JC Datasheet
2Mb / 145P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November Rev 8
STM32WLE5XX STMICROELECTRONICS-STM32WLE5XX Datasheet
2Mb / 145P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 8
STM32WL55JC STMICROELECTRONICS-STM32WL55JC_V01 Datasheet
3Mb / 147P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
July 2021
STM32WLE5XX STMICROELECTRONICS-STM32WLE5XX_V01 Datasheet
3Mb / 146P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
July 2021
logo
NXP Semiconductors
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com