| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP585
|
86Kb / 14P |
Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3 |
|
NCP605
|
147Kb / 13P |
500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1 |
|
NCP629
|
125Kb / 11P |
High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection in Chip Scale Package (CSP)
February, 2008 - Rev. 1 |
|
NCV8605
|
170Kb / 13P |
500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0 |
|
NCP585HSN10T1G
|
162Kb / 13P |
Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14 |
|
NCP585DSN33T1G
|
162Kb / 13P |
Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14 |
|
NCV8603SN33T1G
|
168Kb / 10P |
300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2 |
|
CAT6218
|
158Kb / 9P |
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5 |
|
NCP603
|
153Kb / 13P |
300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3 |
|
NCP605
|
219Kb / 14P |
LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4 |