Electronic Components Datasheet Search
  English  ▼

X  

TEL0119 Datasheet (PDF) - DFROBOT

TEL0119 Datasheet PDF - DFROBOT
Part # TEL0119
Download  TEL0119 Download
File Size   725.87 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description USB/TTL Raspberry Pi GPS Tracker

TEL0119 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEL0119 Datasheet PDF - DFROBOT

Part # TEL0119
Download  TEL0119 Click to download

File Size   725.87 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description USB/TTL Raspberry Pi GPS Tracker

TEL0119 Datasheet (HTML) - DFROBOT


TEL0119 Product details

FEATURES
 ‐165 dBm sensitivity, 1Hz (Default), up to 5Hz, 66 channels
 At least 100mA current draw to startup.
 PPS output can be used to coordinate time with satellite.
 Internal patch antenna which works quite well when used outdoors SMA connector for external active
antenna for when used indoors
 Fix status LED blinks to let you know when the GPS has determined the current coordinates
 EASY™, advanced AGPS technology without external memory
 Support time service application which can be achieved by PPS sync NMEA feature
 Built‐in LNA for better sensitivity
 RTC battery‐compatible
 1x8 male headers, USB micro Interface
 includes CP2102 Module Serial Converter USB 2.0 To TTL UART




Similar Part No. - TEL0119

ManufacturerPart #DatasheetDescription
logo
DFROBOT
TEL0112 DFROBOT-TEL0112 Datasheet
244Kb / 5P
Gravity: 315MHZ RF Receiver Module SKU: TEL0112
8-27-18
TEL0118 DFROBOT-TEL0118 Datasheet
581Kb / 14P
Gravity: UART OBLOQ IoT Module SKU: TEL0118
2-6-18
More results


Similar Description - TEL0119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
logo
Future Technology Devic...
TTL-232R-RPI FTDI-TTL-232R-RPI Datasheet
495Kb / 12P
TTL-232R-RPi Debug Cable for Raspberry Pi
logo
SparkFun Electronics
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
KSA-13B-051250HU ETC-KSA-13B-051250HU Datasheet
655Kb / 9P
Raspberry Pi 12.5W Micro USB Power Supply
2021
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com