Electronic Components Datasheet Search
  English  ▼

X  

CC430F6137IRGCT Datasheet (PDF) - Texas Instruments

CC430F6137IRGCT Datasheet PDF - Texas Instruments
Part # CC430F6137IRGCT
Download  CC430F6137IRGCT Download
File Size   2866.39 Kbytes
Page   133 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC430F613x, CC430F612x, CC430F513x MSP430™ SoC With RF Core

CC430F6137IRGCT Datasheet (PDF)

Go To PDF Page Download Datasheet
CC430F6137IRGCT Datasheet PDF - Texas Instruments

Part # CC430F6137IRGCT
Download  CC430F6137IRGCT Click to download

File Size   2866.39 Kbytes
Page   133 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC430F613x, CC430F612x, CC430F513x MSP430™ SoC With RF Core

CC430F6137IRGCT Datasheet (HTML) - Texas Instruments


CC430F6137IRGCT Product details

1.1 Features 1
• True System-on-Chip (SoC) for Low-Power
Wireless Communication Applications
• Wide Supply Voltage Range:
3.6 V Down to 1.8 V
• Ultra-Low Power Consumption
– CPU Active Mode (AM): 160 μA/MHz
– Standby Mode (LPM3 RTC Mode): 2.0 μA
– Off Mode (LPM4 RAM Retention): 1.0 μA
– Radio in RX: 15 mA, 250 kbps, 915 MHz
• MSP430™ System and Peripherals
– 16-Bit RISC Architecture, Extended Memory, up
to 20-MHz System Clock
– Wake up From Standby Mode in Less
Than 6 μs
– Flexible Power-Management System With SVS
and Brownout
– Unified Clock System With FLL
– 16-Bit Timer TA0, Timer_A With Five
Capture/Compare Registers
– 16-Bit Timer TA1, Timer_A With Three
Capture/Compare Registers
– Hardware Real-Time Clock (RTC)
– Two Universal Serial Communication Interfaces
(USCIs)
– USCI_A0 Supports UART, IrDA, SPI
– USCI_B0 Supports I2C, SPI
– 12-Bit Analog-to-Digital Converter (ADC) With
Internal Reference, Sample-and-Hold, and
Autoscan Features (CC430F613x and
CC430F513x Only)
– Comparator
– Integrated LCD Driver With Contrast Control for
up to 96 Segments (Only CC430F61xx)
– 128-Bit AES Security Encryption and Decryption
Coprocessor
– 32-Bit Hardware Multiplier
– 3-Channel Internal DMA
– Serial Onboard Programming, No External
Programming Voltage Needed
– Embedded Emulation Module (EEM)
• High-Performance Sub-1 GHz RF Transceiver
Core
– Same as in CC1101
– Wide Supply Voltage Range: 2 V to 3.6 V
– Frequency Bands: 300 MHz to 348 MHz,
389 MHz to 464 MHz, and 779 MHz to 928 MHz
– Programmable Data Rate From 0.6 kBaud to
500 kBaud
– High Sensitivity (–117 dBm at 0.6 kBaud,
–111 dBm at 1.2 kBaud, 315 MHz, 1% Packet
Error Rate)
– Excellent Receiver Selectivity and Blocking
Performance
– Programmable Output Power up to +12 dBm for
All Supported Frequencies
– 2-FSK, 2-GFSK, and MSK Supported, Also
OOK and Flexible ASK Shaping
– Flexible Support for Packet-Oriented Systems:
On-Chip Support for Sync Word Detection,
Address Check, Flexible Packet Length, and
Automatic CRC Handling
– Support for Automatic Clear Channel
Assessment (CCA) Before Transmitting (for
Listen-Before-Talk Systems)
– Digital RSSI Output
– Suited for Systems Targeting Compliance With
EN 300 220 (Europe) and
FCC CFR Part 15 (US)
– Suited for Systems Targeting Compliance With
Wireless M-Bus Standard EN 13757‑4:2005
– Support for Asynchronous and Synchronous
Serial Receive or Transmit Mode for Backward
Compatibility With Existing Radio
Communication Protocols
• Device Comparison Summarizes the Available
Family Members

1.2 Applications
• Wireless Analog and Digital Sensor Systems
• Heat Cost Allocators
• Thermostats
• AMR or AMI Metering
• Smart Grid Wireless Networks

1.3 Description
The TI CC430 family of ultra-low-power system-on-chip (SoC) microcontrollers with integrated RF
transceiver cores consists of several devices that feature different sets of peripherals targeted for a wide
range of applications. The architecture, combined with five low-power modes, is optimized to achieve
extended battery life in portable measurement applications. The devices feature the powerful MSP430
16‑bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The CC430 family provides a tight integration between the microcontroller core, its peripherals, software,
and the RF transceiver, making these true SoC solutions easy to use as well as improving performance.
The CC430F61xx series are microcontroller SoC configurations that combine the excellent performance of
the state-of-the-art CC1101 sub-1 GHz RF transceiver with the MSP430 CPUXV2, up to 32KB of insystem
programmable flash memory, up to 4KB of RAM, two 16-bit timers, a high-performance 12-bit ADC
with eight external inputs plus internal temperature and battery sensors on CC430F613x devices, a
comparator, USCIs, a 128-bit AES security accelerator, a hardware multiplier, a DMA, an RTC module
with alarm capabilities, an LCD driver, and up to 44 I/O pins.
The CC430F513x series are microcontroller SoC configurations that combine the excellent performance of
the state-of-the-art CC1101 sub-1 GHz RF transceiver with the MSP430 CPUXV2, up to 32KB of insystem
programmable flash memory, up to 4KB of RAM, two 16-bit timers, a high-performance 12-bit ADC
with six external inputs plus internal temperature and battery sensors, a comparator, USCIs, a 128-bit
AES security accelerator, a hardware multiplier, a DMA, an RTC module with alarm capabilities, and up to
30 I/O pins.
For complete module descriptions, see the CC430 Family User's Guide.




Similar Part No. - CC430F6137IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F6137IRGCT TI-CC430F6137IRGCT Datasheet
1Mb / 118P
MSP430 SoC with RF Core
CC430F6137IRGCT TI1-CC430F6137IRGCT Datasheet
1Mb / 120P
MSP430 SoC with RF Core
More results


Similar Description - CC430F6137IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
MSP430 SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
MSP430??SoC with RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
MSP430 SoC With RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
MSP430??SoC with RF Core
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
MSP430??SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
MSP430 SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
MSP430 SoC With RF Core
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
MSP430 SoC With RF Core
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com