Electronic Components Datasheet Search
  English  ▼

X  

CC2640R2F Datasheet (PDF) - Texas Instruments

CC2640R2F Datasheet PDF - Texas Instruments
Part # CC2640R2F
Download  CC2640R2F Download
File Size   4600.43 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU

CC2640R2F Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2640R2F Datasheet PDF - Texas Instruments

Part # CC2640R2F
Download  CC2640R2F Click to download

File Size   4600.43 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU

CC2640R2F Datasheet (HTML) - Texas Instruments


CC2640R2F Product details

1 Features
• Microcontroller
– Powerful Arm® Cortex®-M3
– EEMBC CoreMark® score: 142
– Up to 48-MHz clock speed
– 275KB of nonvolatile memory including 128KB
of in-system Programmable Flash
– Up to 28KB of system SRAM, of which 20KB is
ultra-low leakage SRAM
– 8KB of SRAM for cache or system RAM use
– 2-Pin cJTAG and JTAG debugging
– Supports over-the-air upgrade (OTA)
• Ultra-low power sensor controller
– Can run autonomous from the rest of the
system
– 16-bit architecture
– 2KB of ultra-low leakage SRAM for code and
data
• Efficient code size architecture, placing drivers,
TI-RTOS, and Bluetooth® software in ROM to
make more Flash available for the application
• RoHS-compliant packages
– 2.7-mm × 2.7-mm YFV DSBGA34 (14 GPIOs)
– 4-mm × 4-mm RSM VQFN32 (10 GPIOs)
– 5-mm × 5-mm RHB VQFN32 (15 GPIOs)
– 7-mm × 7-mm RGZ VQFN48 (31 GPIOs)
• Peripherals
– All digital peripheral pins can be routed to any
GPIO
– Four general-purpose timer modules
(eight 16-bit or four 32-bit timers, PWM each)
– 12-bit ADC, 200-ksamples/s, 8-channel analog
MUX
– Continuous time comparator
– Ultra-low power analog comparator
– Programmable current source
– UART, I2C, and I2S
– 2× SSI (SPI, MICROWIRE, TI)
– Real-Time Clock (RTC)
– AES-128 security module
– True Random Number Generator (TRNG)
– Support for eight capacitive-sensing buttons
– Integrated temperature sensor
• External system
– On-chip internal DC/DC converter
– Seamless integration with CC2590 and
CC2592 range extenders
– Very few external components
– Pin compatible with the SimpleLink™ CC2640
and CC2650 devices in all VQFN packages
– Pin compatible with the SimpleLink™ CC2642R
and CC2652R devices in 7-mm x 7-mm VQFN
packages
– Pin compatible with the SimpleLink™ CC1350
device in 4-mm × 4-mm and 5-mm × 5-mm
VQFN packages
• Low power
– Wide supply voltage range
• Normal operation: 1.8 to 3.8 V
• External regulator mode: 1.7 to 1.95 V
– Active-Mode RX: 5.9 mA
– Active-Mode TX at 0 dBm: 6.1 mA
– Active-Mode TX at +5 dBm: 9.1 mA
– Active-Mode MCU: 61 μA/MHz
– Active-Mode MCU: 48.5 CoreMark/mA
– Active-Mode sensor controller:
0.4mA + 8.2 μA/MHz
– Standby: 1.1 μA (RTC running and RAM/CPU
retention)
– Shutdown: 100 nA (wake up on external
events)
• RF section
– 2.4-GHz RF transceiver compatible with
Bluetooth® Low Energy 5.1 and earlier LE
specifications
– Excellent receiver sensitivity (–97 dBm for
BLE), selectivity, and blocking performance
– Link budget of 102 dB for BLE
– Programmable output power up to +5 dBm
– Single-ended or differential RF interface
– Suitable for systems targeting compliance with
worldwide radio frequency regulations
• ETSI EN 300 328 (Europe)
• EN 300 440 Class 2 (Europe)
• FCC CFR47 Part 15 (US)
• ARIB STD-T66 (Japan)
• Development Tools and Software
– Full-feature development kits
– Multiple reference designs
– SmartRF™ Studio
– Sensor Controller Studio
– IAR Embedded Workbench® for Arm®
– Code Composer Studio™ Integrated
Development Environment (IDE)
– Code Composer Studio™ Cloud IDE

2 Applications
• Home and Building Automation
– Connected appliances
– Lighting
– Smart locks
– Gateways
– Security Systems
• Industrial
– Factory automation
– Asset tracking and management
– HMI
– Access control
• Electronic Point Of Sale (EPOS)
– Electronic Shelf Label (ESL)
• Health and Medical
– Electronic thermometers
– SpO2
– Blood glucose monitors and blood pressure
monitors
– Weigh scales
– Hearing aids
• Sports and Fitness
– Wearable fitness and activity monitors
– Smart trackers
– Patient monitors
– Fitness machines
• HID
– Gaming
– Pointing devices (wireless keyboard and
mouse)

3 Description
The CC2640R2F device is a 2.4 GHz wireless microcontroller (MCU) supporting Bluetooth® 5.1 Low Energy and
Proprietary 2.4 GHz applications. The device is optimized for low-power wireless communication and advanced
sensing in building security systems, HVAC, asset tracking, and medical markets, and applications where
industrial performance is required. The highlighted features of this device include:
• Support for Bluetooth ® 5.1 features: LE Coded PHYs (Long Range), LE 2-Mbit PHY (High Speed),
Advertising Extensions, Multiple Advertisement Sets, as well as backwards compatibility and support for key
features from the Bluetooth ® 5.0 and earlier Low Energy specifications.
• Fully-qualified Bluetooth ® 5.1 software protocol stack included with the SimpleLink™ CC2640R2F Software
Development Kit (SDK) for developing applications on the powerful Arm® Cortex®-M3 processor.
• Longer battery life wireless applications with low standby current of 1.1 μA with full RAM retention.
• Advanced sensing with a programmable, autonomous ultra-low power Sensor Controller CPU with fast wakeup
capability. As an example, the sensor controller is capable of 1-Hz ADC sampling at 1 μA system current.
• Dedicated software controlled radio controller (Arm® Cortex®-M0) providing flexible low-power RF transceiver
capability to support multiple physical layers and RF standards, such as real-time localization (RTLS)
technologies.
• Excellent radio sensitivity and robustness (selectivity and blocking) performance for Bluetooth ® Low Energy
(-103 dBm for 125-kbps LE Coded PHY).
The CC2640R2F device is part of the SimpleLink™ microcontroller (MCU) platform, which consists of
Wi-Fi®, Bluetooth ® Low Energy, Thread, ZigBee®, Sub-1 GHz MCUs, and host MCUs that all share a common,
easy-to-use development environment with a single core software development kit (SDK) and rich tool set. A
one-time integration of the SimpleLink™ platform enables you to add any combination of the portfolio’s devices
into your design, allowing 100 percent code reuse when your design requirements change. For more
information, visit SimpleLink™ MCU platform.




Similar Part No. - CC2640R2F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 40P
SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 63P
CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2640R2F TI-CC2640R2F Datasheet
2Mb / 72P
CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
More results


Similar Description - CC2640R2F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
SimpleLink Bluetooth 5 low energy Wireless MCU
CC2642R-Q1 TI1-CC2642R-Q1 Datasheet
1Mb / 61P
CC2642R-Q1 SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
CC2640R2L TI1-CC2640R2L Datasheet
3Mb / 54P
CC2640R2L SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com